Electronic Components Datasheet Search
  English  ▼

X  

BV03DW Datasheet(PDF) 3 Page - Shenzhen Bencent Electronics Co., Ltd.

Part # BV03DW
Description  Ultra low capacitance - 3.0 pF maximum
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BENCENT [Shenzhen Bencent Electronics Co., Ltd.]
Direct Link  http://en.bencent.com.cn/en/home/index.asp
Logo BENCENT - Shenzhen Bencent Electronics Co., Ltd.

BV03DW Datasheet(HTML) 3 Page - Shenzhen Bencent Electronics Co., Ltd.

  BV03DW Datasheet HTML 1Page - Shenzhen Bencent Electronics Co., Ltd. BV03DW Datasheet HTML 2Page - Shenzhen Bencent Electronics Co., Ltd. BV03DW Datasheet HTML 3Page - Shenzhen Bencent Electronics Co., Ltd. BV03DW Datasheet HTML 4Page - Shenzhen Bencent Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3/4
BV03DW
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications
www.bencent.com.cn
Order Code: BV03DW
Version: A0 2014-02-19
Transient Voltage Suppressor
REF
mm
inch
A
1.17
0.046
A1
0.1
0.004
b
0.34±0.10
0.013±0.0039
c
0.17±0.08
0.007±0.0032
D
1.66±0.14
0.065±0.0055
E
1.28±0.17
0.050±0.0066
H
2.5±0.2
0.098±0.0079
L
0.28±0.18
0.011±0.0071
Q1
0.25±0.15
0.010±0.0059
Product Dimensions
Environmental Characteristics
Testing items
Technical standards
High temperature Reverse Bias Test
Temperature: 150±3℃ Bias=80%VDRM
Time:168H
High Temperature Life Test
Temperature: 150℃
Time:168H
High-low Temperature Cycle test
Temperature: From -40℃ to125℃
Dwell time :30min,10cycles
High Temperature &High Humidity Test
Temperature: 85℃Humidity:85%
Time:168H
Pressure cooker Test
Temperature: 121℃,2atm. Humidity:100%
Time:24H
Resistance of soldering heat
Temperature: 260±5℃
Time of dip soldering:10s,3times
Note: The above testing items can be specified by customer’s special request
Recommended Soldering Pad
A
B
C
D
REF
mm
inch
A
3.20
0.126
B
1.08
0.043
C
1.06
0.042
D
0.54
0.021



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com