Electronic Components Datasheet Search
  English  ▼

X  

SM5901AF Datasheet(PDF) 27 Page - Nippon Precision Circuits Inc

Part # SM5901AF
Description  compression and non compression type anti-shock memory controller with built-in 1M DRAM
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM5901AF Datasheet(HTML) 27 Page - Nippon Precision Circuits Inc

Back Button SM5901AF Datasheet HTML 23Page - Nippon Precision Circuits Inc SM5901AF Datasheet HTML 24Page - Nippon Precision Circuits Inc SM5901AF Datasheet HTML 25Page - Nippon Precision Circuits Inc SM5901AF Datasheet HTML 26Page - Nippon Precision Circuits Inc SM5901AF Datasheet HTML 27Page - Nippon Precision Circuits Inc SM5901AF Datasheet HTML 28Page - Nippon Precision Circuits Inc SM5901AF Datasheet HTML 29Page - Nippon Precision Circuits Inc SM5901AF Datasheet HTML 30Page - Nippon Precision Circuits Inc SM5901AF Datasheet HTML 31Page - Nippon Precision Circuits Inc  
Zoom Inzoom in Zoom Outzoom out
 27 / 31 page
background image
SM5901AF
Force mute
Soft mute
Soft mute operation is controlled by the SOFT flag
using a built-in attenuation counter.
Mute is ON when the SOFT flag is 1. When ON, the
attenuation counter output decrement by 1 step at a
time, thereby reducing the gain. Complete mute
takes 1024/fs (or approximately 23.2 ms for fs =
44.1 kHz).
Conversely, mute is released when the SOFT flag
is 0. In this case, the attenuation counter instanta-
neously increases. The attenuation register takes
on the value when the ATT flag was 1. If the ATT
flag was 0, the new set value is 256 (0 dB).
Fig 4. Soft mute operation example
256 step
/ 1024TS
SOFT
Attenation level
or full scale
− ∞
(Gain)
Serial output data is muted by setting the YDMUTE
pin input HIGH or by setting the MUTE flag to 1.
Mute starts and finishes on the leading left-channel
bit.
When MSON is HIGH and valid data is empty
(MSEMP=H), the output is automatically forced into
the mute state.
12-bit comparison connection
When the CMP12 flag is set to 1, the least signifi-
cant 4 bits of the 16-bit comparison connection
input data are discarded and comparison connec-
tion is performed using the remaining 12 bits.
Note that if the CMP12 flag is set to 1 during a com-
parison connection operation, only the most signifi-
cant 12 bits are used for comparison connection
from that point on.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com