Electronic Components Datasheet Search
  English  ▼

X  

D882 Datasheet(PDF) 1 Page - NEC

Part # D882
Description  NPN(for the output stage of 3 watts audio amplifier, voltage regulator, DC-DC converter and relay driver)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

D882 Datasheet(HTML) 1 Page - NEC

  D882 Datasheet HTML 1Page - NEC D882 Datasheet HTML 2Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image


Similar Part No. - D882

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
D882 ETC-D882 Datasheet
1Mb / 1P
TO-126 Plastic-Encapsulate Transistors
logo
Jiangsu Changjiang Elec...
D882 JIANGSU-D882 Datasheet
131Kb / 2P
TRANSISTOR竊?NPN 竊
D882 JIANGSU-D882 Datasheet
1,017Kb / 3P
TRANSISTOR竊뉿PN竊
logo
Stanson Technology
D882 STANSON-D882 Datasheet
22Kb / 1P
PNP TRANSISTOR
logo
List of Unclassifed Man...
D882 ETC1-D882 Datasheet
28Kb / 1P
SI NPN TRANSISTOR
More results

Similar Description - D882

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KTA1705 KEC-KTA1705 Datasheet
252Kb / 2P
EPITAXIAL PLANAR PNP TRANSISTOR (AUDIO AMPLIFIER, VOLTAGE REGULATOR DC-DC CONVERTER, RELAY DRIVER)
KTC2804 KEC-KTC2804 Datasheet
254Kb / 2P
EPITAXIAL PLANAR NPN TRANSISTOR (AUDIO AMPLIFIER, VOLTAGE REGULATOR DC-DC CONVERTER, RELAY DRIVER)
logo
Guilin Strong Micro-Ele...
GMB772 GSME-GMB772 Datasheet
256Kb / 3P
PNP Si transistor suited for the output stage of 3W audio amplifier, voltage regulator, DC-DC converter and relay driver
GMD882 GSME-GMD882 Datasheet
256Kb / 3P
NPN Si transistor suited for the output stage of 3W audio amplifier, voltage regulator, DC-DC converter and relay driver
logo
Hi-Sincerity Mocroelect...
HSD882S HSMC-HSD882S_06 Datasheet
59Kb / 5P
The HSD882S is suited for the output stage of 0.75W audio, voltage regulator, and relay driver.
logo
E-Tech Electronics LTD
GSB772S ETL-GSB772S Datasheet
131Kb / 2P
The GSB772S is designed for using in output stage of 0.75W amplifier, voltage regulator, DC-DC converter and driver.
logo
MAKO SEMICONDUCTOR CO.,...
2SC2884 MAKOSEMI-2SC2884 Datasheet
102Kb / 2P
Suitable for output stage of 3 watts amplifier.
logo
Wall Industries,Inc.
DCMFW03 WALL-DCMFW03 Datasheet
296Kb / 5P
3 Watts DC/DC Converter Single and Dual Output
DCMID03 WALL-DCMID03 Datasheet
319Kb / 5P
3 Watts DC/DC Converter Single and Dual Output
LANCY3 WALL-LANCY3 Datasheet
293Kb / 5P
3 Watts DC/DC Converter Single and Dual Output
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com