Electronic Components Datasheet Search
  English  ▼

X  

HCPL-M600 Datasheet(PDF) 5 Page - Agilent(Hewlett-Packard)

Part # HCPL-M600
Description  Small Outline, 5 Lead, High CMR, High Speed, Logic Gate Optocouplers
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HCPL-M600 Datasheet(HTML) 5 Page - Agilent(Hewlett-Packard)

  HCPL-M600 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HCPL-M600 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HCPL-M600 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HCPL-M600 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HCPL-M600 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HCPL-M600 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HCPL-M600 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HCPL-M600 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HCPL-M600 Datasheet HTML 9Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
5
Switching Specifications
Over recommended temperature (TA = -40°C to 85°C), VCC = 5 V, IF = 7.5 mA unless otherwise specified.
Device
Parameter
Symbol
HCPL- Min.
Typ.* Max. Unit
Test Conditions
Fig. Note
Propagation
tPLH
20
48
75
ns
TA = 25°C
6, 7
5
Delay Time
to High
100
8
Output Level
Propagation
tPHL
25
50
75
TA = 25°C
6, 7
6
Delay Time
to Low
100
RL = 350 Ω
8
Output Level
Propagation
tPSK
40
10,
Delay Skew
11
Pulse Width |tPHL - tPLH|
3.5
35
CL = 15 pF
9
10
Distortion
Output Rise
trise
24
Time
10
(10%-90%)
Output Fall
tfall
10
Time
10
(10%-90%)
Common
|CMH|
M600
10,000
V/
µsV
CM = 10 V
VO(min) = 2 V
11
7, 9
M601
5,000 10,000
VCM = 50 V
M611
10,000 15,000
VCM = 1000 V
Common
|CMH|
M600
10,000
VCM = 10 V
VO(max) = 0.8 V 11
8, 9
M601
5,000 10,000
VCM = 50 V
M611
10,000 15,000
VCM = 1000 V
*All typicals at TA = 25°C, VCC = 5 V.
Notes:
1. Bypassing of the power supply line is required with a 0.1
µF ceramic disc capacitor adjacent to each optocoupler. The total lead
length between both ends of the capacitor and the isolator pins should not exceed 10 mm.
2. Peaking circuits may produce transient input currents up to 50 mA, 50 ns maximum pulse width, provided average current
does not exceed 20 mA.
3. Device considered a two terminal device: pins 1 and 3 shorted together, and pins 4, 5 and 6 shorted together.
4. In accordance with UL 1577, each optocoupler is proof tested by applying an insulation test voltage
≥ 3000 V
RMS for 1 second
(Leakage detection current limit, II-O ≤ 5 µA).
5. The tPLH propagation delay is measured from 3.75 mA point on the falling edge of the input pulse to the 1.5 V point on the
rising edge of the output pulse.
6. The tPHL propagation delay is measured from 3.75 mA point on the rising edge of the input pulse to the 1.5 V point on the
falling edge of the output pulse.
7. CMH is the maximum tolerable rate of rise of the common mode voltage to assure that the output will remain in a high logic
state (i.e., VOUT > 2.0 V).
8. CML is the maximum tolerable rate of fall of the common mode voltage to assure that the output will remain in a low logic
state (i.e., VOUT > 0.8 V).
9. For sinusoidal voltages, (|dVCM|/dt)max = πfCMVCM(p-p).
10. See application section; “Propagation Delay, Pulse-Width Distortion and Propagation Delay Skew” for more information.
11. tPSK is equal to the worst case difference in tPHL and/or tPLH that will be seen between units at any given temperature within
the worst case operating condition range.
Mode
Transient
Immunity at
High Output
Level
Mode
Transient
Immunity at
Low Output
Level
RL = 350 Ω
IF = 7.5 mA
TA = 25°C
RL = 350 Ω
IF = 0 mA
TA = 25°C



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com