Electronic Components Datasheet Search
  English  ▼

X  

HCPL-2601 Datasheet(PDF) 3 Page - Agilent(Hewlett-Packard)

Part # HCPL-2601
Description  Small Outline, 5 Lead, High CMR, High Speed, Logic Gate Optocouplers
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HCPL-2601 Datasheet(HTML) 3 Page - Agilent(Hewlett-Packard)

  HCPL-2601 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HCPL-2601 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HCPL-2601 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HCPL-2601 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HCPL-2601 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HCPL-2601 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HCPL-2601 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HCPL-2601 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HCPL-2601 Datasheet HTML 9Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
3
RecommendedOperatingConditions
Parameter
Symbol
Min.
Max.
Units
Input Current, Low Level
IFL*
0
250
µA
InputCurrent,HighLevel
IFH
515
mA
SupplyVoltage,Output
VCC
4.5
5.5
V
Fan Out (RL = 1 kΩ)
N
5
TTL
Loads
OutputPull-UpResistor
RL
330
4,000
Ω
OperatingTemperature
TA
-40
85
°C
* The off condition can also be guaranteed by ensuring that VF(off) ≤ 0.8 volts.
AbsoluteMaximumRatings
(No Derating Required up to 85
°C)
StorageTemperature .................................................... -55
°C to +125°C
OperatingTemperature .................................................. -40
°C to +85°C
Forward Input Current - IF (see Note 2) ....................................... 20 mA
Reverse Input Voltage - VR ................................................................. 5 V
Supply Voltage - VCC (1 Minute Maximum) ........................................ 7 V
Output Collector Current - IO........................................................ 50 mA
Output Collector Power Dissipation ............................................ 85 mW
Output Collector Voltage - VO ............................................................ 7 V
(Selection for higher output voltages up to 20 V is available)
Infrared andVapor Phase Reflow Temperature ....................... see below
Maximum Solder Reflow Thermal Profile.
(Note: Use of Non-Chlorine Activated Fluxes is Recommended.)
240
∆T = 115°C, 0.3°C/SEC
0
∆T = 100°C, 1.5°C/SEC
∆T = 145°C, 1°C/SEC
TIME – MINUTES
220
200
180
160
140
120
100
80
60
40
20
0
260
12
3
456789
10
11
12



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com