Electronic Components Datasheet Search
  English  ▼

X  

LM95231 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # LM95231
Description  Precision Dual Remote Diode Temperature Sensor with SMBus Interface and TruTherm??Technology
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM95231 Datasheet(HTML) 13 Page - Texas Instruments

Back Button LM95231 Datasheet HTML 9Page - Texas Instruments LM95231 Datasheet HTML 10Page - Texas Instruments LM95231 Datasheet HTML 11Page - Texas Instruments LM95231 Datasheet HTML 12Page - Texas Instruments LM95231 Datasheet HTML 13Page - Texas Instruments LM95231 Datasheet HTML 14Page - Texas Instruments LM95231 Datasheet HTML 15Page - Texas Instruments LM95231 Datasheet HTML 16Page - Texas Instruments LM95231 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 30 page
background image
D7
D6
D5
D4
D3
D2
D1
D0
1
9
1
9
Ack
by
LM95231
Start by
Master
R/W
Frame 1
Serial Bus Address Byte
Frame 2
Command Byte
Ack by
LM95231
SMBCLK
SMBDAT
A5
A3
A2
A0
A6
A4
A1
Stop
by
Master
LM95231
www.ti.com
SNIS139E – FEBRUARY 2005 – REVISED MARCH 2013
SMBDAT OPEN-DRAIN OUTPUT
The SMBDAT output is an open-drain output and does not have internal pull-ups. A “high” level will not be
observed on this pin until pull-up current is provided by some external source, typically a pull-up resistor. Choice
of resistor value depends on many system factors but, in general, the pull-up resistor should be as large as
possible without effecting the SMBus desired data rate. This will minimize any internal temperature reading
errors due to internal heating of the LM95231. The maximum resistance of the pull-up to provide a 2.1V high
level, based on LM95231 specification for High Level Output Current with the supply voltage at 3.0V, is 82k
Ω
(5%) or 88.7k
Ω (1%).
1.6 DIODE FAULT DETECTION
The LM95231 is equipped with operational circuitry designed to detect fault conditions concerning the remote
diodes. In the event that the D+ pin is detected as shorted to GND, D
−, VDD or D+ is floating, the Remote
Temperature reading is –128.000 °C if signed format is selected and +255.875 if unsigned format is selected. In
addition, the appropriate status register bits RD1M or RD2M (D1 or D0) are set. When TruTherm mode is active
the condition of diode short of D+ to D
− will not be detected. Connecting a 2N3904 transistor with TruTherm
mode active may cause a detection of a diode fault.
1.7 COMMUNICATING with the LM95231
The data registers in the LM95231 are selected by the Command Register. At power-up the Command Register
is set to “00”, the location for the Read Local Temperature Register. The Command Register latches the last
location it was set to. Each data register in the LM95231 falls into one of four types of user accessibility:
1. Read only
2. Write only
3. Write/Read same address
4. Write/Read different address
A Write to the LM95231 will always include the address byte and the command byte. A write to any register
requires one data byte.
Reading the LM95231 can take place either of two ways:
1. If the location latched in the Command Register is correct (most of the time it is expected that the Command
Register will point to one of the Read Temperature Registers because that will be the data most frequently
read from the LM95231), then the read can simply consist of an address byte, followed by retrieving the data
byte.
2. If the Command Register needs to be set, then an address byte, command byte, repeat start, and another
address byte will accomplish a read.
The data byte has the most significant bit first. At the end of a read, the LM95231 can accept either acknowledge
or No Acknowledge from the Master (No Acknowledge is typically used as a signal for the slave that the Master
has read its last byte). When retrieving all 11 bits from a previous remote diode temperature measurement, the
master must insure that all 11 bits are from the same temperature conversion. This may be achieved by reading
the MSB register first. The LSB will be locked after the MSB is read. The LSB will be unlocked after being read. If
the user reads MSBs consecutively, each time the MSB is read, the LSB associated with that temperature will be
locked in and override the previous LSB value locked-in.
Figure 7. Serial Bus Write to the Internal Command Register
Copyright © 2005–2013, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: LM95231



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com