Electronic Components Datasheet Search
  English  ▼

X  

G784 Datasheet(PDF) 1 Page - Global Mixed-mode Technology Inc

Part # G784
Description  짹1째C Remote and Local Temperature Sensor with SMBus Serial Interface
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GMT [Global Mixed-mode Technology Inc]
Direct Link  http://www.gmt.com.tw
Logo GMT - Global Mixed-mode Technology Inc

G784 Datasheet(HTML) 1 Page - Global Mixed-mode Technology Inc

  G784 Datasheet HTML 1Page - Global Mixed-mode Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Ver: 0.2
Oct 02, 2008
TEL: 886-3-5788833
http://www.gmt.com.tw
1
Global Mixed-mode Technology Inc.
G784
±
1°C Remote and Local Temperature Sensor with
SMBus Serial Interface
Features
Two Channels: Measures Both Remote and
Local Temperatures
No Calibration Required
Built-in Noise-Buster for Remote Sensor
SMBus 2-Wire Serial Interface
Programmable Under/Overtemperature Alarms
Supports SMBus Alert Response
Accuracy:
±
1°C (+60°C to +100°C, remote)
±
3°C (+60°C to + 100°C, local)
320µA (typ) Average Supply Current During
Conversion
+3V to +5.5V Supply Range
Small 8-Lead SOP , MSOP and TDFN Package
Remote Temperature Measurment up to 160°C
by using offset shifting method (see “Measure
Remote Temperature Higher Than 127°C” sec-
tion)
SMBus Inputs with Built-in MOS Switch to Pre-
vent Reverse Current from Bus to IC VCC
Applications
Desktop and Notebook
Central Office
Computers
Telecom Equipment
Smart Battery Packs
Test and Measurement
LAN Servers
Multi-Chip Modules
Industrial Controllers
General Description
The G784 is a precise digital thermometer that reports
the temperature of both a remote sensor and its own
package. The remote sensor is a diode-connected tran-
sistor typically a low-cost, easily mounted 2N3904 NPN
type that replace conventional thermistors or thermo-
couples. Remote accuracy is ±1°C with no calibration
needed. It also has a build-in noise filtering function in
remote sensor measuring the diode temperature. The
remote channel can also measure the die temperature
of other ICs, such as microprocessors, that contain an
on-chip, diode-connected transistor.
The 2-wire serial interface accepts standard System
Management Bus (SMBus) Write Byte, Read Byte,
Send Byte, and Receive Byte commands to program
the alarm thresholds and to read temperature data.
The data format is 11bits plus sign, with each bit cor-
responding to 0.125°C, in two’s-complement format.
Measurements can be done automatically and
autonomously, with the conversion rate programmed
by the user or programmed to operate in a single-shot
mode. The adjustable rate allows the user to control
the supply current drain.
The G784 and G784-1 have the same functions but
different SMBus slave addresses. This allows for one
of each to be on the bus at the same time.
The G784 is available in a small, 8-pin SOP, MSOP
and TDFN surface-mount package.
Pin Configuration
Typical Application Circuit
THERM
DXN
8
6
5
1
2
3
4
VCC
DXP
SMBDATA
SMBCLK
GND
SOP-8/MSOP-8
G784/G784-1
7
ALERT
0.1µF
3V TO 5.5V
VCC
DXP
DXN
SMBCLK
SMBDATA
ALERT
10k
Ω EACH
CLOCK
DATA
INTERRUPT TO µC
GND
2200pF
2N3904
THERM
TDFN3X3-8
1
2
3
4
8
7
6
5
Thermal
Pad
G784/G784-1
Note: Recommend connecting the Thermal Pad to the GND or let it keep floating.
THERM
DXN
VCC
DXP
SMBDATA
SMBCLK
GND
ALERT
THERM
DXN
8
6
5
1
2
3
4
VCC
DXP
SMBDATA
SMBCLK
GND
SOP-8/MSOP-8
G784/G784-1
7
ALERT
0.1µF
3V TO 5.5V
VCC
DXP
DXN
SMBCLK
SMBDATA
ALERT
10k
Ω EACH
CLOCK
DATA
INTERRUPT TO µC
GND
2200pF
2N3904
THERM
0.1µF
3V TO 5.5V
VCC
DXP
DXN
SMBCLK
SMBDATA
ALERT
10k
Ω EACH
CLOCK
DATA
INTERRUPT TO µC
GND
2200pF
2N3904
THERM
TDFN3X3-8
1
2
3
4
8
7
6
5
Thermal
Pad
G784/G784-1
Note: Recommend connecting the Thermal Pad to the GND or let it keep floating.
THERM
DXN
VCC
DXP
SMBDATA
SMBCLK
GND
ALERT


Similar Part No. - G784

ManufacturerPart #DatasheetDescription
logo
IDEA.lnc.
G784B IDEA-G784B Datasheet
75Kb / 1P
T-1, (3-mm) Round, Bi-level PCB Mount LED Indicator
More results

Similar Description - G784

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1617 MAXIM-MAX1617 Datasheet
226Kb / 20P
Remote/Local Temperature Sensor with SMBus Serial Interface
19-1265; Rev 1; 3/98
MAX1617A MAXIM-MAX1617A Datasheet
234Kb / 18P
Remote/Local Temperature Sensor with SMBus Serial Interface
19-4508; Rev 0; 1/99
logo
List of Unclassifed Man...
G781 ETC-G781 Datasheet
342Kb / 14P
짹1째C Remote and Local Temperature Sensor with SMBus Serial Interface
logo
Global Mixed-mode Techn...
G767 GMT-G767 Datasheet
393Kb / 14P
Remote/Local Temperature Sensor with SMBus Serial Interface
logo
Silicon Standard Corp.
SS8018 SSC-SS8018 Datasheet
289Kb / 14P
짹1째C Remote and Local Temperature Sensor with SMBus Serial Interface
logo
Maxim Integrated Produc...
MAX1617 MAXIM-MAX1617_12 Datasheet
301Kb / 20P
Remote/Local Temperature Sensor with SMBus Serial Interface
Rev 2; 11/12
MAX1617A MAXIM-MAX1617A_12 Datasheet
343Kb / 20P
Remote/Local Temperature Sensor with SMBus Serial Interface
Rev 1; 10/12
logo
Global Mixed-mode Techn...
G788 GMT-G788 Datasheet
45Kb / 1P
Remote and Local Temperature Sensor with SMBus Serial Interface
Ver: 0.4 Oct 16, 2013
logo
Maxim Integrated Produc...
MAX1617 MAXIM-MAX1617_V01 Datasheet
1Mb / 20P
Remote/Local Temperature Sensor with SMBus Serial Interface
2016
MAX1617A MAXIM-MAX1617A_V01 Datasheet
1Mb / 20P
Remote/Local Temperature Sensor with SMBus Serial Interface
2016
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com