Electronic Components Datasheet Search
  English  ▼

X  

G780 Datasheet(PDF) 1 Page - Global Mixed-mode Technology Inc

Part # G780
Description  짹1C Remote and Local Temperature Sensor with SMBus Serial Interface
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GMT [Global Mixed-mode Technology Inc]
Direct Link  http://www.gmt.com.tw
Logo GMT - Global Mixed-mode Technology Inc

G780 Datasheet(HTML) 1 Page - Global Mixed-mode Technology Inc

  G780 Datasheet HTML 1Page - Global Mixed-mode Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Ver: 0.5
Oct 02 , 2008
TEL: 886-3-5788833
http://www.gmt.com.tw
1
Global Mixed-mode Technology Inc.
G780
±1°C Remote and Local Temperature Sensor with
SMBus Serial Interface
Features
Two Channels: Measures Both Remote and
Local Temperatures
Measure Thermal Diode with a Transistor Model
No Calibration Required
Built-in Noise-Buster for Remote Sensor
SMBus 2-Wire Serial Interface
Programmable Under/Overtemperature Alarms
Supports SMBus Alert Response
Accuracy:
±1°C (+60°C to +100°C, remote)
±3°C (+60°C to + 100°C, local)
320µA (typ) Average Supply Current During
Conversion
Measure Thermal Diode with Transistor Model
Support 45nm, 65nm and 90nm CPU thermal
diode
+3V to +5.5V Supply Range
Small 8-Lead SOP , MSOP and TDFN Package
Remote Temperature Measurment up to 160°C
by using offset shifting method (see “Measure
Remote Temperature Higher Than 127°C” sec-
tion)
Applications
Desktop and Notebook
Central Office
Computers
Telecom Equipment
Smart Battery Packs
Test and Measurement
LAN Servers
Multi-Chip Modules
Industrial Controllers
General Description
The G780 is a precise digital thermometer that reports
the temperature of both a remote sensor and its own
package. The remote sensor is a diode-connected tran-
sistor typically a low-cost, easily mounted 2N3904 NPN
type that replace conventional thermistors or thermo-
couples. Remote accuracy is ±1°C with no calibration
needed. It also has a build-in noise filtering function in
remote sensor measuring the diode temperature. The
remote channel can also measure the die temperature
of other ICs, such as microprocessors, that contain an
on-chip, diode-connected transistor.
The 2-wire serial interface accepts standard System
Management Bus (SMBus) Write Byte, Read Byte,
Send Byte, and Receive Byte commands to program
the alarm thresholds and to read temperature data.
The data format is 11bits plus sign, with each bit cor-
responding to 0.125°C, in two’s-complement format.
Measurements can be done automatically and
autonomously, with the conversion rate programmed
by the user or programmed to operate in a single-shot
mode. The adjustable rate allows the user to control
the supply current drain.
The G780 is available in a small, 8-pin SOP, MSOP
and TDFN surface-mount package.
Ordering Information
ORDER
NUMBER
MARKING
TEMP.
RANGE
PACKAGE
(Pb free)
G780P11U
G780
-55°C to +125°C
SOP-8
G780P81U
G780
-55°C to +125°C
MSOP-8
G780RD1U
780
-55°C to +125°C
TDFN3X3-8
G780-1P11U
G780-1
-55°C to +125°C
SOP-8
G780-1P81U
G780-1
-55°C to +125°C
MSOP-8
Note:P1:SOP-8
P8:MSOP-8 RD:TDFN3X3-8
1: Bonding Code
U: Tape & Reel
Pin Configuration
Typical Application Circuit
THERM
DXN
8
6
5
1
2
3
4
VCC
DXP
SMBDATA
SMBCLK
GND
SOP-8/MSOP-8
G780/G780-1
7
ALERT
0.1µF
3V TO 5.5V
VCC
DXP
DXN
SMBCLK
SMBDATA
ALERT
10k
Ω EACH
CLOCK
DATA
INTERRUPT TO µC
GND
2200pF
2N3904
THERM
TDFN3X3-8
1
2
3
4
8
7
6
5
Thermal
Pad
G780
Note: Recommend connecting the Thermal Pad to the GND or let it keep floating.
THERM
DXN
VCC
DXP
SMBDATA
SMBCLK
GND
ALERT
THERM
DXN
8
6
5
1
2
3
4
VCC
DXP
SMBDATA
SMBCLK
GND
SOP-8/MSOP-8
G780/G780-1
7
ALERT
0.1µF
3V TO 5.5V
VCC
DXP
DXN
SMBCLK
SMBDATA
ALERT
10k
Ω EACH
CLOCK
DATA
INTERRUPT TO µC
GND
2200pF
2N3904
THERM
0.1µF
3V TO 5.5V
VCC
DXP
DXN
SMBCLK
SMBDATA
ALERT
10k
Ω EACH
CLOCK
DATA
INTERRUPT TO µC
GND
2200pF
2N3904
THERM
TDFN3X3-8
1
2
3
4
8
7
6
5
Thermal
Pad
G780
Note: Recommend connecting the Thermal Pad to the GND or let it keep floating.
THERM
DXN
VCC
DXP
SMBDATA
SMBCLK
GND
ALERT


Similar Part No. - G780

ManufacturerPart #DatasheetDescription
logo
BELIMO AIRCONTROLS (USA...
G780 BELIMO-G780 Datasheet
1Mb / 4P
Fluid chilled or hot water, up to 60% glycol
logo
Omron Electronics LLC
G7804 OMRON-G7804 Datasheet
82Kb / 2P
Relay I/O Block Components Overview
logo
BELIMO AIRCONTROLS (USA...
G780D BELIMO-G780D Datasheet
949Kb / 4P
Fluid chilled or hot water, up to 60% glycol
G780S BELIMO-G780S Datasheet
1Mb / 5P
Fluid chilled or hot water, up to 60% glycol
More results

Similar Description - G780

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1617 MAXIM-MAX1617 Datasheet
226Kb / 20P
Remote/Local Temperature Sensor with SMBus Serial Interface
19-1265; Rev 1; 3/98
MAX1617A MAXIM-MAX1617A Datasheet
234Kb / 18P
Remote/Local Temperature Sensor with SMBus Serial Interface
19-4508; Rev 0; 1/99
logo
Global Mixed-mode Techn...
G767 GMT-G767 Datasheet
393Kb / 14P
Remote/Local Temperature Sensor with SMBus Serial Interface
logo
Maxim Integrated Produc...
MAX1617A MAXIM-MAX1617A_12 Datasheet
343Kb / 20P
Remote/Local Temperature Sensor with SMBus Serial Interface
Rev 1; 10/12
logo
Global Mixed-mode Techn...
G786 GMT-G786 Datasheet
44Kb / 1P
짹1C Remote and Local Temperature Sensor with SMBus Serial Interface
G782 GMT-G782 Datasheet
44Kb / 1P
짹1C Remote and Local Temperature Sensor with SMBus Serial Interface
G781 GMT-G781 Datasheet
52Kb / 1P
짹1C Remote and Local Temperature Sensor with SMBus Serial Interface
G788 GMT-G788 Datasheet
45Kb / 1P
Remote and Local Temperature Sensor with SMBus Serial Interface
Ver: 0.4 Oct 16, 2013
logo
Maxim Integrated Produc...
MAX1617 MAXIM-MAX1617_V01 Datasheet
1Mb / 20P
Remote/Local Temperature Sensor with SMBus Serial Interface
2016
MAX1617A MAXIM-MAX1617A_V01 Datasheet
1Mb / 20P
Remote/Local Temperature Sensor with SMBus Serial Interface
2016
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com