Electronic Components Datasheet Search
  English  ▼

X  

G752 Datasheet(PDF) 1 Page - Global Mixed-mode Technology Inc

Part # G752
Description  High Accuracy Digital Temperature Sensor and Thermal Watchdog with Two-Wire Interface
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GMT [Global Mixed-mode Technology Inc]
Direct Link  http://www.gmt.com.tw
Logo GMT - Global Mixed-mode Technology Inc

G752 Datasheet(HTML) 1 Page - Global Mixed-mode Technology Inc

  G752 Datasheet HTML 1Page - Global Mixed-mode Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Ver: 1.3
Jul 04, 2013
TEL: 886-3-5788833
http://www.gmt.com.tw
1
G752
Global Mixed-mode Technology
High Accuracy Digital Temperature Sensor and
Thermal Watchdog with Two-Wire Interface
Features
SMBus interface
Programmable Trip Point (TOS) and Hysteresis
(THYST)
Separate open-drain output pin operates as
interrupt or comparator at output
Register readback capability
Power up defaults permit stand-alone opera-
tion as thermostat
Shutdown mode to minimize power consump-
tion
Up to 8 G752s can be connected to a single bus
Key Specifications
Supply Voltage
3.0V to 5.5V
Supply Current
operating
280µA (typ)
500µA (max)
shutdown
10µA(typ)
Temperature Accuracy
-10°C to 80°C
±1°C (max)
-55°C to 125°C
±3°C (max)
Applications
System Thermal Management
Personal Computers
Office Electronics
Electronic Test Equipment
Pin Configuration
General Description
The G752 is a temperature sensor, Delta-Sigma ana-
log-to-digital converter, and digital over- temperature
detector with SMBus interface. The host can query
the G752 at any time to read temperature. The
open-drain Over temperature Shutdown (O.S.) output
becomes active when the temperature exceeds a
programmable limit. This pin can operate in either
“Comparator” or “Interrupt” mode.
The host can program both the temperature alarm
threshold (TOS) and the temperature at which the
alarm condition goes away (THYST). In addition, the
host can read back the contents of the G752’s TOS
and THYST registers. The sensor powers up in Com-
parator mode with default thresholds of 50°C TOS
45°C THYST. for G752-1 and 80°C TOS , 75°C THYST for
G752-2.
Ordering Information
ORDER
NUMBER
MARKING
TOS THYST
PACKAGE
(Green)
G752P11U
G752-1
50°C/45°C
SOP-8
G752P12U
G752-2
80°C/75°C
SOP-8
G752P82U
G752-2
80°C/75°C
MSOP-8
G752KC2G
752-2
80°C/75°C
TDFN3X2-8
G752RD2U
752-2
80°C/75°C
TDFN3X3-8
Note: P1: SOP-8
P8: MSOP-8
RD: TDFN3X3-8
KC:TDFN3X2-8
1 & 2: Bonding Code
U & G: Tape & Reel
Typical Application
G752
+V
S 3V to 5.5V
Typical Bypass 0.1µF
(Unless mounted close
to Processor)
To Processor
Interrupt Line
O.S. Set for active low for
wire OR’d multiple
interrupt line
Address(Set as
desired)
Interface
8
3
O.S. Out
4
7
6
5
1
2
A0
A1
A2
SMBDATA
SMBCLK
SMBDATA
SOP-8/MSOP-8
G752
+Vs
A0
A1
A2
SMBCLK
O.S.
GND
1
2
3
4
8
7
6
5
TDFN3X3-8
1
2
3
4
8
7
6
5
Thermal
Pad
G752
SMBDATA
SMBCLK
O.S.
GND
+Vs
A0
A1
A2
Note: Recommend connecting the Thermal Pad to the Ground or let it keep floating.
TDFN3X2-8
1
2
3
4
5
6
7
8
G752
Thermal
Pad
SMBDATA
SMBCLK
O.S.
GND
+Vs
A0
A1
A2
G752
+V
S 3V to 5.5V
Typical Bypass 0.1µF
(Unless mounted close
to Processor)
To Processor
Interrupt Line
O.S. Set for active low for
wire OR’d multiple
interrupt line
Address(Set as
desired)
Interface
8
3
O.S. Out
4
7
6
5
1
2
A0
A1
A2
SMBDATA
SMBCLK
SMBDATA
SOP-8/MSOP-8
G752
+Vs
A0
A1
A2
SMBCLK
O.S.
GND
1
2
3
4
8
7
6
5
TDFN3X3-8
1
2
3
4
8
7
6
5
Thermal
Pad
G752
SMBDATA
SMBCLK
O.S.
GND
+Vs
A0
A1
A2
Note: Recommend connecting the Thermal Pad to the Ground or let it keep floating.
TDFN3X2-8
1
2
3
4
5
6
7
8
G752
Thermal
Pad
SMBDATA
SMBCLK
O.S.
GND
+Vs
A0
A1
A2


Similar Part No. - G752

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
G752 ETC2-G752 Datasheet
89Kb / 2P
Desktop Cases - ABS
logo
Multicomp Pro
G752 MULTICOMP-G752 Datasheet
145Kb / 1P
Desktop Cases - AB
30/06/20 V1.0
logo
List of Unclassifed Man...
G752A ETC2-G752A Datasheet
89Kb / 2P
Desktop Cases - ABS
logo
Multicomp Pro
G752A MULTICOMP-G752A Datasheet
145Kb / 1P
Desktop Cases - AB
30/06/20 V1.0
More results

Similar Description - G752

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM75 NSC-LM75 Datasheet
308Kb / 18P
Digital Temperature Sensor and Thermal WATCHDOG with Two-Wire Interface
logo
List of Unclassifed Man...
G751 ETC-G751 Datasheet
160Kb / 10P
Digital Temperature Sensor and Thermal Watchdog with Two-Wire Interface
logo
Global Mixed-mode Techn...
G751-1P1 GMT-G751-1P1 Datasheet
268Kb / 11P
Digital Temperature Sensor and Thermal Watchdog with Two-Wire Interface
G751 GMT-G751_05 Datasheet
257Kb / 12P
Digital Temperature Sensor and Thermal Watchdog with Two-Wire Interface
logo
National Semiconductor ...
LM75 NSC-LM75_05 Datasheet
734Kb / 18P
Digital Temperature Sensor and Thermal Watchdog with Two-Wire Interface
logo
Texas Instruments
LM75A TI1-LM75A Datasheet
1Mb / 21P
LM75A Digital Temperature Sensor and Thermal Watchdog with Two-Wire Interface
logo
Global Mixed-mode Techn...
G753 GMT-G753 Datasheet
33Kb / 1P
High Accuracy Digital Temperature Sensor and Thermal Watchdog with Two-Wire Interface
G751 GMT-G751_15 Datasheet
63Kb / 1P
Digital Temperature Sensor and Thermal Watchdog with Two-Wire Interface
logo
Texas Instruments
LM75A TI-LM75A_15 Datasheet
1Mb / 28P
LM75A Digital Temperature Sensor and Thermal Watchdog With Two-Wire Interface
LM75B TI-LM75B_15 Datasheet
1Mb / 31P
Digital Temperature Sensor and Thermal Watchdog With Two-Wire Interface
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com