Electronic Components Datasheet Search
  English  ▼

X  

G709 Datasheet(PDF) 1 Page - Global Mixed-mode Technology Inc

Part # G709
Description  Resistor-Programmable SOT Temperature Switches
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GMT [Global Mixed-mode Technology Inc]
Direct Link  http://www.gmt.com.tw
Logo GMT - Global Mixed-mode Technology Inc

G709 Datasheet(HTML) 1 Page - Global Mixed-mode Technology Inc

  G709 Datasheet HTML 1Page - Global Mixed-mode Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Ver: 2.1
Sep 02, 2011
TEL: 886-3-5788833
http://www.gmt.com.tw
1
G709/G710
Global Mixed-mode Technology
Resistor-Programmable SOT Temperature Switches
Features
±±±±0.5°C Typical Threshold Accuracy
±±±±3.5°C (max) Threshold Accuracy (0°C to +125°C)
Temperature Threshold Set by a 1% External
Resistor
Low 33 A Supply Current
Open-Drain Active Low Output Stage
Guaranteed Reset Valid to VCC = 0.8V
Pin-Selectable 2°C or 10°C Hysteresis
SOT-23-5, SOT-23-6, TDFN2X2-8 and
ADFN1.5X1.5-6 Packages
Applications
P Temperature Monitoring in High-Speed
Computers
Temperature Control
Temperature Alarms
Fan Control
Automotive
General Description
The G709/G710 are fully integrated, resistor pro-
grammable temperature switches with thresholds set
by an external resistor. They require only one external
resistor to set the temperature threshold within a wide
0°C to +125°C temperature range. The G709/G710
provides an open-drain, active low output. These
switches operate with a +2.7V to +5.5V single supply
while providing a temperature threshold accuracy of
±0.5°C (typ) or ±3.5°C (max). They typically consume
33 A supply current. Hysteresis is pin selectable to
2°C or 10°C.
Ordering Information
ORDER NUMBER
(Pb free/Green)
MARKING
TEMP.
RANGE
PACKAGE
G709T1Uf
709xx
-40°C~+125°C
SOT-23-5
G709RCUf
709
-40°C~+125°C
TDFN2X2-8
G709A3U
79
xx
-40°C~+125°C
ADFN1.5X1.5-6
G710TBUf
710xx
-40°C~+125°C
SOT-23-6
Note:T1 : SOT-23-5
TB : SOT-23-6
A3:ADFN1.5X1.5-6
RC:TDFN2X2-8
U : Tape & Reel
Pin Configuration
Typical Application Circuit
GND
P
VCC
GND
G709/G710
VCC
SET
OT
470k
Ω
0.1 F
R
SET
HYST
150
Ω
2.7V to 5.5V
SOT-23-5
5
1
2
HYST
4
3
OT
SET
VCC
GND
SOT-23-6
6
1
2
HYST
4
3
OT
SET
VCC
GND
5
N.C.
G709
G710
TDFN2X2-8
1
2
3
4
8
7
6
5
GND
Thermal
Pad
VCC
OT
NC
G709
NC
NC
SET
Note 1:Thermal Pad is NC
Note 2:Connect Thermal Pad and pin 6,7,8
to heat source by PCB copper for
good heat conduction.
ADFN1.5X1.5-6
1
2
3
6
5
4
G709
HYST
OT
GND
SET
NC
VCC
HYST
GND
P
VCC
GND
G709/G710
VCC
SET
OT
470k
Ω
0.1 F
R
SET
HYST
150
Ω
2.7V to 5.5V
SOT-23-5
5
1
2
HYST
4
3
OT
SET
VCC
GND
SOT-23-6
6
1
2
HYST
4
3
OT
SET
VCC
GND
5
N.C.
G709
G710
TDFN2X2-8
1
2
3
4
8
7
6
5
GND
Thermal
Pad
VCC
OT
NC
G709
NC
NC
SET
Note 1:Thermal Pad is NC
Note 2:Connect Thermal Pad and pin 6,7,8
to heat source by PCB copper for
good heat conduction.
ADFN1.5X1.5-6
1
2
3
6
5
4
G709
HYST
OT
GND
SET
NC
VCC
HYST


Similar Part No. - G709

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
G7096 HAMAMATSU-G7096 Datasheet
117Kb / 4P
ULTRAFAST MSM PHOTODETECTORS
G7096-01 HAMAMATSU-G7096-01 Datasheet
117Kb / 4P
ULTRAFAST MSM PHOTODETECTORS
More results

Similar Description - G709

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6509 MAXIM-MAX6509 Datasheet
141Kb / 8P
Resistor-Programmable SOT Temperature Switches
Rev 0; 1/00
logo
Microchip Technology
MCP9509 MICROCHIP-MCP9509 Datasheet
501Kb / 28P
Resistor-Programmable Temperature Switches
2008
logo
Maxim Integrated Produc...
MAX6509 MAXIM-MAX6509_03 Datasheet
199Kb / 8P
Resistor-Programmable SOT Temperature Switches
Rev 2; 11/03
MAX6510HAUT MAXIM-MAX6510HAUT Datasheet
156Kb / 9P
Resistor-Programmable SOT Temperature Switches
Rev 3; 5/13
logo
Microchip Technology
MCP9509CT-E MICROCHIP-MCP9509CT-E Datasheet
335Kb / 28P
Resistor-Programmable Temperature Switches
01/02/08
MCP9509HT-E MICROCHIP-MCP9509HT-E Datasheet
335Kb / 28P
Resistor-Programmable Temperature Switches
01/02/08
MCP9510HT-E MICROCHIP-MCP9510HT-E Datasheet
346Kb / 28P
Resistor-Programmable Temperature Switches
01/02/08
logo
Global Mixed-mode Techn...
G708 GMT-G708 Datasheet
76Kb / 1P
Resistor-Programmable SOT Temperature Switches
G705 GMT-G705 Datasheet
84Kb / 1P
Resistor-Programmable SOT Temperature Switches
logo
Maxim Integrated Produc...
MAX6509 MAXIM-MAX6509_V01 Datasheet
1Mb / 9P
Resistor-Programmable SOT Temperature Switches
2021
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com