Electronic Components Datasheet Search
  English  ▼

X  

DS1847 Datasheet(PDF) 4 Page - Dallas Semiconductor

Part # DS1847
Description  Dual Temperature-Controlled NV Variable Resistor
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1847 Datasheet(HTML) 4 Page - Dallas Semiconductor

  DS1847 Datasheet HTML 1Page - Dallas Semiconductor DS1847 Datasheet HTML 2Page - Dallas Semiconductor DS1847 Datasheet HTML 3Page - Dallas Semiconductor DS1847 Datasheet HTML 4Page - Dallas Semiconductor DS1847 Datasheet HTML 5Page - Dallas Semiconductor DS1847 Datasheet HTML 6Page - Dallas Semiconductor DS1847 Datasheet HTML 7Page - Dallas Semiconductor DS1847 Datasheet HTML 8Page - Dallas Semiconductor DS1847 Datasheet HTML 9Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
DS1847
4 of 17
Memory
Location
Name of Location
Function of Location
00h to 47h
(Table Select
Byte, E0h, must
be set to 01h or
02h to access the
Look-Up Tables)
User Defined Look-Up Table
(LUT)
This block contains the user defined temperature
settings of the resistors. Values between 00h and
FFh can be written to either table to set the 256
position variable resistors. The first address
location, 00h, is used to set the resistor at -40°C.
Each successive memory location will contain the
resistor setting for the previous temperature +2°C.
For example, memory address 01h is the address
that will set the resistor in a –38°C environment.
For default memory settings and programming
the look-up table, refer to the Programming the
Look-Up Table (LUT) section of the datasheet.
E0h
Table Select Byte
Writing to this byte determines which of the two
72x8 EEPROM look-up tables is selected for
reading or writing.
01h (Look-Up Table 1 selected)
02h (Look-Up Table 2 selected)
E1h
Configuration Byte
TAU – Temperature/Address Update
TEN – Temperature Update Enable
AEN – Address Update Enable
Default setting is 03h, TAU = 1, TEN = 1 and
AEN = 1.
TAU becomes a 1 after a temperature and address
update has occurred as a result of a temperature
conversion. The user can write this bit to 0 and
check for a transition from 0 to 1 in order to
verify that a conversion has occurred.
If TEN = 0, the temperature conversion feature is
disabled. The user sets the resistor in “manual
mode” by writing to addresses F0h and
F1h to control resistors 0 and 1, respectively.
With AEN = 0 the user can operate in a test
mode. Address updates made from the
temperature sensor will cease. The user can load a
memory location into E4h and verify that the
values in locations F0h and F1h are the expected
user-defined values.
TAU TEN AEN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com