Electronic Components Datasheet Search
  English  ▼

X  

G707 Datasheet(PDF) 1 Page - Global Mixed-mode Technology Inc

Part # G707
Description  Programmable Remote Thermal Diode Temperature Switch
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GMT [Global Mixed-mode Technology Inc]
Direct Link  http://www.gmt.com.tw
Logo GMT - Global Mixed-mode Technology Inc

G707 Datasheet(HTML) 1 Page - Global Mixed-mode Technology Inc

  G707 Datasheet HTML 1Page - Global Mixed-mode Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Ver: 0.3
Oct 02, 2008
TEL: 886-3-5788833
http://www.gmt.com.tw
1
G707
Global Mixed-mode Technology Inc.
Programmable Remote Thermal Diode Temperature
Switch
Features
±±±±1.0°C Typical Threshold Accuracy
±±±±3.0°C (max) Threshold Accuracy (+60°C to
+100°C)
Temperature Threshold Set by Pin SET0, SET1
Open-Drain Active Low Output Stage
Pin-Selectable 2°C or 10°C Hysteresis
SOP-8 and MSOP-8 Packages
Applications
P Temperature Monitoring in High-Speed
Computers
Temperature Control
Temperature Alarms
Fan Control
Automotive
General Description
The G707 is a fully integrated, programmable remote
thermal diode temperature switch with a threshold set
by pin-strapping SET0 and SET1. The remote diode is
a diode-connected transistor typically low-cost, easily
mounted 2N3904 NPN type, 2N3906 PNP type tran-
sistor or CPU/GPU build-in thermal diode. It requires
only let pin SET0 and SET1 tie to GND, VCC or float-
ing to set the temperature threshold within a 60°C to
+124°C temperature range. The G707 provides an
open-drain, active low output. This switch operates
with a +3.0V to +5.5V single supply while providing a
temperature threshold accuracy of
±1.0°C (TYP) or
±3.0°C (max, +60°C to +100°C). Hysteresis is pin se-
lectable to 2°C or 10°C.
Ordering Information
ORDER
NUMBER
MARKING
TEMP.
RANGE
PACKAGE
(Pb free)
G707P11U
G707
-40°C~+125°C
SOP-8
G707P81U
G707
-40°C~+125°C
MSOP-8
Note: P1 : SOP-8
P8 : MSOP-8
1: Bonding Code
U : Tape & Reel
Pin Configuration
Typical Application Circuit
THERM
DXN
8
6
5
1
2
3
4
VCC
DXP
SET1
SET0
GND
SOP-8/MSOP-8
G707
7
HYST
0.1 F
3V to 5.5V
VCC
DXP
DXN
SET0
SET1
HYST
10k
Ω
System Shutdown
GND
2200pF
2N3904
THERM
THERM
DXN
8
6
5
1
2
3
4
VCC
DXP
SET1
SET0
GND
SOP-8/MSOP-8
G707
7
HYST
0.1 F
3V to 5.5V
VCC
DXP
DXN
SET0
SET1
HYST
10k
Ω
System Shutdown
GND
2200pF
2N3904
THERM


Similar Part No. - G707

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
G700500250G ETC2-G700500250G Datasheet
1Mb / 16P
INDUSTRY STANDARDS
logo
Goford Semiconductor
G700P06D3 GOFORD-G700P06D3 Datasheet
653Kb / 6P
P-Channel Enhancement Mode Power MOSFET
G700P06D3A GOFORD-G700P06D3A Datasheet
924Kb / 6P
P-Channel Enhancement Mode Power MOSFET
G700P06D5 GOFORD-G700P06D5 Datasheet
950Kb / 6P
P-Channel Enhancement Mode Power MOSFET
G700P06H GOFORD-G700P06H Datasheet
816Kb / 6P
P-Channel Enhancement Mode Power MOSFET
More results

Similar Description - G707

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM88 NSC-LM88 Datasheet
196Kb / 9P
Factory Programmable Dual Remote-Diode Thermostat
logo
BCD Semiconductor Manuf...
AP2602 BCDSEMI-AP2602 Datasheet
408Kb / 12P
Octave Remote Resistor-programmable Temperature Switches
logo
Global Mixed-mode Techn...
G718 GMT-G718 Datasheet
81Kb / 1P
Dual Remote Resistor-Programmable Temperature Switches
G717 GMT-G717 Datasheet
37Kb / 1P
Octave Remote Resistor-Programmable Temperature switches
logo
ON Semiconductor
NVT224 ONSEMI-NVT224 Datasheet
618Kb / 58P
Remote Thermal Monitor
August, 2012 ??Rev. 1
logo
Texas Instruments
TMP300 TI1-TMP300_16 Datasheet
965Kb / 20P
Resistor-Programmable Temperature Switch
LM64 TI1-LM64 Datasheet
1Mb / 38P
Remote Diode Temperature Sensor
LM96163 TI1-LM96163 Datasheet
1Mb / 49P
Remote Diode Digital Temperature Sensor
logo
Maxim Integrated Produc...
MAX17135EVKIT MAXIM-MAX17135EVKIT Datasheet
2Mb / 12P
Measures Remote Diode Temperature
Rev 1; 1/12
MAX6513 MAXIM-MAX6513 Datasheet
193Kb / 6P
Low-Cost, Remote Temperature Switch
2011
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com