Electronic Components Datasheet Search
  English  ▼

X  

CST306K Datasheet(PDF) 1 Page - TRIAD MAGNETICS

Part # CST306K
Description  Engineering Development/Design Sample Kits
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIAD [TRIAD MAGNETICS]
Direct Link  http://www.triadmagnetics.com
Logo TRIAD - TRIAD MAGNETICS

CST306K Datasheet(HTML) 1 Page - TRIAD MAGNETICS

  CST306K Datasheet HTML 1Page - TRIAD MAGNETICS  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Engineering Development/Design
Sample Kits
Web: www.TriadMagnetics.com
Phone 951-277-0757
Fax 951-277-2757
460 Harley Knox Blvd.
Perris, California
92571
Publish Date: December 4, 2013
H
L
W
CST306K
Description:
This kit contains representative samples of our high frequency current sense
transformers. They are useful for a variety of developmental needs including circuit
simulation, circuit testing, prototyping and agency evaluations. All items in this kit
meet specifications listed in the catalog section referring to the product. This kit is
housed in an easy to see, easy to store clear polycarbonate box with a convenient
snap closing hinged lid.
Electrical Specifications (@25C):
Part
No.
ET VµSec
REF 20kHz
Turns
Count
Min.
Ind. mH
DCR
Max. Ω
Pri.
Amps
CST306-1A
500
50
3.5
.340
35.0 RMS
CST306-1T
500
50 CT
3.5
.340
35.0 RMS
CST306-2A
1000
100
14.0
1.55
25.0 RMS
CST306-2T
1000
100 CT
14.0
1.55
25.0 RMS
CST306-3A
2000
200
55.0
3.75
25.0 RMS
CST306-3T
2000
200 CT
55.0
3.75
25.0 RMS
Dimensions:
Height = 2.0”
Width = 3.75”
Length = 2.5”
Weight = 0.25 Lbs.
For more detailed specifications on individual parts, click on the part number or
visit us at www.TriadMagnetics.com
RoHS Compliance: As of manufacturing date February 2005, all standard products meet the
requirements of 2011/65/EU, known as the RoHS initiative.
* Upon printing, this document is considered “uncontrolled”. Please contact Triad Magnetics’
website for the most current version.


Similar Part No. - CST306K

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CST306-1A ETC2-CST306-1A Datasheet
472Kb / 2P
Current Sense Transformers
logo
TRIAD MAGNETICS
CST306-1A TRIAD-CST306-1A Datasheet
85Kb / 1P
Current Sense Transformers
logo
List of Unclassifed Man...
CST306-1T ETC2-CST306-1T Datasheet
472Kb / 2P
Current Sense Transformers
logo
TRIAD MAGNETICS
CST306-1T TRIAD-CST306-1T Datasheet
87Kb / 1P
Current Sense Transformers
logo
List of Unclassifed Man...
CST306-2A ETC2-CST306-2A Datasheet
472Kb / 2P
Current Sense Transformers
More results

Similar Description - CST306K

ManufacturerPart #DatasheetDescription
logo
3M Electronics
9401 3M-9401 Datasheet
1Mb / 3P
Sample Development Design Kits for High Speed Cabling and Connectors
01-Oct-2008
logo
Murata Manufacturing Co...
EKLMQ18GB MURATA-EKLMQ18GB Datasheet
1,015Kb / 39P
DESIGN ENGINEERING KITS
logo
Johanson Technology Inc...
S-0603 JOHANSON-S-0603 Datasheet
61Kb / 2P
CERAMIC CAPACITOR ENGINEERING DESIGN KITS
logo
TRIAD MAGNETICS
CME375K TRIAD-CME375K Datasheet
82Kb / 1P
Engineering Development/Design Sample Kits
CME2425K TRIAD-CME2425K Datasheet
81Kb / 1P
Engineering Development/Design Sample Kits
CMT908K TRIAD-CMT908K Datasheet
83Kb / 1P
Engineering Development/Design Sample Kits
CST206K TRIAD-CST206K Datasheet
77Kb / 1P
Engineering Development/Design Sample Kits
GDE25K TRIAD-GDE25K Datasheet
83Kb / 1P
Engineering Development/Design Sample Kits
logo
RFbeam Microwave GmbH
K-MD2 RFBEAM-K-MD2 Datasheet
1Mb / 23P
Engineering Sample
logo
Linx Technologies
EVAL-916-SC-P LINX-EVAL-916-SC-P Datasheet
89Kb / 1P
EVALUATION/DEVELOPMENT KITS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com