Electronic Components Datasheet Search
  English  ▼

X  

G676 Datasheet(PDF) 1 Page - Global Mixed-mode Technology Inc

Part # G676
Description  Microprocessor Reset IC
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GMT [Global Mixed-mode Technology Inc]
Direct Link  http://www.gmt.com.tw
Logo GMT - Global Mixed-mode Technology Inc

G676 Datasheet(HTML) 1 Page - Global Mixed-mode Technology Inc

  G676 Datasheet HTML 1Page - Global Mixed-mode Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Ver:1.0
Apr 17, 2012
TEL: 886-3-5788833
http://www.gmt.com.tw
1
G676/G677
Global Mixed-mode Technology
Microprocessor Reset IC
Features
Precision Monitoring of +3V, +3.3V, and +5V
Power-Supply Voltages
Fully Specified Over Temperature
Available in Two Output Configurations
Push-Pull
RESET Output (G676L)
Open-Drain RESET Output (G677L)
Adjustable Reset Delay Time
Manual Reset Input with Adjustable Manual Re
set Deglitch Time
14µA Supply Current
Guaranteed Reset Valid to VCC = 1V
Power Supply Transient Immunity
6 pin SOT-23-6 and ADFN1.5X1.5-6 Packages
2% Threshold Accuracy
Applications
Computers
Controllers
Intelligent Instruments
Critical µP and µC Power Monitoring
Portable / Battery-Powered Equipment
Automotive
General Description
The G676/G677 are microprocessor (µP) supervisory
circuits used to monitor the power supplies in µP and
digital systems. They provide excellent circuit reliability
and low cost and adjustments when used with +5V,
+3.3V, +3.0V- powered circuits.
These circuits perform a single function: they assert a
reset signal whenever the VCC supply voltage declines
below a preset threshold or manual reset is triggered,
and keeping it asserted for time delay determined by
adjustable time delay generator (CD pin) after VCC
has risen above the reset threshold or manual reset is
released. Reset thresholds suitable for operation with
a variety of supply voltages are available. Manual re-
set is generated after pull low MR pin lastingly over
deglitch time delay set by capacitor connected in
MRDLY pin.
The G677L has an open-drain output stage, while the
G676 have push-pull outputs. The G677L’s open-drain
RESET output requires a pull-up resistor that can be
connected to a voltage higher than VCC. The reset
comparator is designed to ignore fast transients on
VCC, and the outputs are guaranteed to be in the cor-
rect logic state for VCC down to 1V.
Low supply current makes the G676/G677 ideal for
use in portable equipment. The G676/G677 are avail-
able in 6-pin SOT-23-6 and ADFN1.5X1.5-6 packages.
Ordering Information
ORDER NUMBER
MARKING
TEMP. RANGE
PACKAGE
(Green)
G676LxxxTBU
676xx
-40°C ~ +105°C
SOT-23-6
G677LxxxTBU
677xx
-40°C ~ +105°C
SOT-23-6
G676LxxxA31U
66
xx
-40°C ~ +105°C
ADFN1.5X1.5-6
G677LxxxA31U
67
xx
-40°C ~ +105°C
ADFN1.5X1.5-6
* xxx specifies the threshold voltage.
e.g. 263 denotes the 2.64V threshold voltage.
TB: SOT-23-6
A3:ADFN1.5X1.5-6
1 : Bonding Code
U: Tape & Reel
Pin Configuration
Typical Application Circuit
*G677 ONLY
RESET
INPUT
GND
µP
VCC
RESET
GND
G676/G677
VCC
CD
V
CC
C
D
R
pull-up*
C
MR
MR
MRDLY
RESET
GND
SOT-23-6
6
1
2
VCC
4
3
MRDLY
CD
5
MR
G676/G677
ADFN1.5X1.5-6
1
2
3
6
5
4
G676/G677
MRDLY
GND
CD
MR
RESET
VCC
ICC may increased at high TA, Therefore, can not connect
Resistors to VCC to prevent Icc abnormal behavior at high TA.
*G677 ONLY
RESET
INPUT
GND
µP
VCC
RESET
GND
G676/G677
VCC
CD
V
CC
C
D
R
pull-up*
C
MR
MR
MRDLY
RESET
GND
SOT-23-6
6
1
2
VCC
4
3
MRDLY
CD
5
MR
G676/G677
ADFN1.5X1.5-6
1
2
3
6
5
4
G676/G677
MRDLY
GND
CD
MR
RESET
VCC
ICC may increased at high TA, Therefore, can not connect
Resistors to VCC to prevent Icc abnormal behavior at high TA.


Similar Part No. - G676

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
G670 GMT-G670 Datasheet
185Kb / 13P
Microprocessor Reset IC
G670 GMT-G670_15 Datasheet
37Kb / 1P
Microprocessor Reset IC
logo
Hamamatsu Corporation
G67150 HAMAMATSU-G67150 Datasheet
108Kb / 2P
InGaAs PIN photodiode array
logo
GTM CORPORATION
G6718 GTM-G6718 Datasheet
160Kb / 2P
NPN EPITAXIAL PLANAR TRANSISTOR
logo
E-Tech Electronics LTD
G6718 ETL-G6718 Datasheet
162Kb / 2P
The G6718 is designed for general purpose medium power amplifier and switching applications
More results

Similar Description - G676

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
G690 GMT-G690 Datasheet
219Kb / 12P
Microprocessor Reset IC
logo
List of Unclassifed Man...
G680 ETC-G680 Datasheet
101Kb / 7P
Microprocessor Reset IC
logo
Global Mixed-mode Techn...
G684 GMT-G684 Datasheet
174Kb / 7P
Microprocessor Reset IC
G696 GMT-G696_06 Datasheet
164Kb / 11P
Microprocessor Reset IC
logo
Silicon Standard Corp.
SS8037 SSC-SS8037 Datasheet
326Kb / 9P
Microprocessor Reset IC
logo
Global Mixed-mode Techn...
G680 GMT-G680 Datasheet
56Kb / 1P
Microprocessor Reset IC
G674 GMT-G674 Datasheet
37Kb / 1P
Microprocessor Reset IC
G660 GMT-G660 Datasheet
103Kb / 1P
Microprocessor Reset IC
G656 GMT-G656 Datasheet
34Kb / 1P
Microprocessor Reset IC
G630 GMT-G630 Datasheet
35Kb / 1P
Microprocessor Reset IC
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com