Electronic Components Datasheet Search
  English  ▼

X  

LMP8481 Datasheet(PDF) 20 Page - Texas Instruments

Click here to check the latest version.
Part # LMP8481
Description  LMP848x Precision 76-V High-Side Current Sense Amplifiers With Voltage Output
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMP8481 Datasheet(HTML) 20 Page - Texas Instruments

Back Button LMP8481 Datasheet HTML 16Page - Texas Instruments LMP8481 Datasheet HTML 17Page - Texas Instruments LMP8481 Datasheet HTML 18Page - Texas Instruments LMP8481 Datasheet HTML 19Page - Texas Instruments LMP8481 Datasheet HTML 20Page - Texas Instruments LMP8481 Datasheet HTML 21Page - Texas Instruments LMP8481 Datasheet HTML 22Page - Texas Instruments LMP8481 Datasheet HTML 23Page - Texas Instruments LMP8481 Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 29 page
background image
LMP8480, LMP8481
SNVS829C – MARCH 1999 – REVISED SEPTEMBER 2015
www.ti.com
Typical Applications (continued)
9.2.2.3 Application Curve
Figure 30. Bidirectional Transfer Function Using 1.2-V Reference Voltage
9.2.3 Typical Application With Resistive Divider
Take care if the output is driving an A/D input with a maximum A/D maximum input voltage lower than the
amplifier supply voltage, as the output can swing higher than the planned load maximum due to input transients
or shorts on the load and overload or possibly damage the A/D input.
A resistive attenuator, as shown in Figure 31, can be used to match the maximum swing to the input range of the
A/D.
Figure 31. Typical Application With Resistive Divider Example
20
Submit Documentation Feedback
Copyright © 1999–2015, Texas Instruments Incorporated
Product Folder Links: LMP8480 LMP8481



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com