Electronic Components Datasheet Search
  English  ▼

X  

G660 Datasheet(PDF) 1 Page - Global Mixed-mode Technology Inc

Part # G660
Description  Microprocessor Reset IC
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GMT [Global Mixed-mode Technology Inc]
Direct Link  http://www.gmt.com.tw
Logo GMT - Global Mixed-mode Technology Inc

G660 Datasheet(HTML) 1 Page - Global Mixed-mode Technology Inc

  G660 Datasheet HTML 1Page - Global Mixed-mode Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Ver: 0.7
Apr 09, 2012
TEL: 886-3-5788833
http://www.gmt.com.tw
1
G660/G661/G662
Global Mixed-mode Technology
Microprocessor Reset IC
Features
Power-On Reset Generator With Fixed Delay
Time of 200ms
Manual Reset Input (G660/G661)
Available in three RESET Output Options
Push-Pull
RESET Output (G660L/G662)
Push-Pull RESET Output (G660H/G662)
Open-Drain RESET Output (G661L)
Supply Voltage Supervision Range
2.5V, 3V, 3.3V, 5V
Watchdog Timer (G660/G661/G662)
Supply Current of 10µA at VCC=3.3V
SOT-23-5 Package
Temperature Range . . . −40°C to 85°C
Applications
Critical μP and μC Power Monitoring
Industrial Equipment
Programmable Controls
Automotive Systems
Portable/Battery-Powered Equipment
Intelligent Instruments
Wireless Communications Systems
Notebook/Desktop Computers
General Description
The G660/G661/G662 provide circuits initialization and
timing supervision, primarily for DSP and proces-
sor-based
systems.
During
power-on,
RESET
(RESET) is asserted when supply voltage VCC be-
comes higher than 1.1 V. Thereafter, the supply volt-
age supervisor monitors VCC and keeps RESET
(RESET) active as long as VCC remains below the
threshold voltage VIT+
(1).
An internal timer delays the return of the output to the
inactive state to ensure proper system reset. The de-
lay time, td, starts after VCC has risen above the
threshold voltage VIT+. When the supply voltage drops
below the threshold voltage VIT-
(2), the outputs be-
comes active again. No external components are re-
quired. All the devices have a fixed-sense threshold
voltage VIT- set by an internal voltage divider.
The G660/G661 incorporate a manual reset input, MR .
A low level at MR causes RESET (RESET) to be-
come active. The G660/G661/G662 have WDI pin.
The watchdog timer is periodically triggered by a posi-
tive or negative transition at WDI. When the supervis-
ing system fails to retrigger the watchdog circuit within
the time-out interval, ttout, RESET (RESET) becomes
active for the time period td. This event also reinitial-
izes the watchdog timer. Leaving WDI unconnected
disables the watchdog.
The product spectrum is designed for supply voltages
of 2.5V, 3V, 3.3V, and 5V. The circuits are available in
a SOT-23-5 package.
Note:
(1) VIT+ means the reset voltage of VCC from low to high
(2) VIT- means the reset voltage of VCC from high to low.
Pin Configuration
Typical Application Circuit
RESET
(RESET)
GND
SOT-23-5
5
1
2
WDI
4
3
MR
VCC
()is for G660H
G660/G661
RESET
GND
SOT-23-5
5
1
2
WDI
4
3
VCC
RESET
G662
* MR is for G660/G661
** RESET is for G662
µP
VCC
RESET
I/O
GND
3.3V
100nF
RESET
RESET
WDI
GND
VCC
G660/G661/
G662
RESET
MR
*
ICC may increased at high TA, Therefore, can not connect
Resistors to VCC to prevent Icc abnormal behavior at high TA.
RESET
(RESET)
GND
SOT-23-5
5
1
2
WDI
4
3
MR
VCC
()is for G660H
G660/G661
RESET
GND
SOT-23-5
5
1
2
WDI
4
3
VCC
RESET
G662
* MR is for G660/G661
** RESET is for G662
µP
VCC
RESET
I/O
GND
3.3V
100nF
RESET
RESET
WDI
GND
VCC
G660/G661/
G662
RESET
MR
*
µP
VCC
RESET
I/O
GND
3.3V
100nF
RESET
RESET
WDI
GND
VCC
G660/G661/
G662
RESET
MR
*
ICC may increased at high TA, Therefore, can not connect
Resistors to VCC to prevent Icc abnormal behavior at high TA.


Similar Part No. - G660

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
G66 ETC1-G66 Datasheet
1Mb / 8P
Ductile Iron pump head
logo
Goford Semiconductor
G66 GOFORD-G66 Datasheet
1Mb / 5P
PWM applications
logo
List of Unclassifed Man...
G66-X ETC1-G66-X Datasheet
1Mb / 8P
Ductile Iron pump head
logo
Global Mixed-mode Techn...
G663 GMT-G663 Datasheet
77Kb / 1P
Microprocessor Reset IC
logo
Allegro MicroSystems
G6651 ALLEGRO-G6651 Datasheet
256Kb / 8P
OFF-LINE QUASI-RESONANT FLYBACK SWITCHING REGULATOR
More results

Similar Description - G660

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
G690 GMT-G690 Datasheet
219Kb / 12P
Microprocessor Reset IC
logo
List of Unclassifed Man...
G680 ETC-G680 Datasheet
101Kb / 7P
Microprocessor Reset IC
logo
Global Mixed-mode Techn...
G684 GMT-G684 Datasheet
174Kb / 7P
Microprocessor Reset IC
G696 GMT-G696_06 Datasheet
164Kb / 11P
Microprocessor Reset IC
logo
Silicon Standard Corp.
SS8037 SSC-SS8037 Datasheet
326Kb / 9P
Microprocessor Reset IC
logo
Global Mixed-mode Techn...
G680 GMT-G680 Datasheet
56Kb / 1P
Microprocessor Reset IC
G676 GMT-G676 Datasheet
49Kb / 1P
Microprocessor Reset IC
G674 GMT-G674 Datasheet
37Kb / 1P
Microprocessor Reset IC
G656 GMT-G656 Datasheet
34Kb / 1P
Microprocessor Reset IC
G630 GMT-G630 Datasheet
35Kb / 1P
Microprocessor Reset IC
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com