Electronic Components Datasheet Search
  English  ▼

X  

G656 Datasheet(PDF) 1 Page - Global Mixed-mode Technology Inc

Part # G656
Description  Microprocessor Reset IC
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GMT [Global Mixed-mode Technology Inc]
Direct Link  http://www.gmt.com.tw
Logo GMT - Global Mixed-mode Technology Inc

G656 Datasheet(HTML) 1 Page - Global Mixed-mode Technology Inc

  G656 Datasheet HTML 1Page - Global Mixed-mode Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Ver: 0.4
Apr 10, 2012
TEL: 886-3-5788833
http://www.gmt.com.tw
1
G656/G657
Global Mixed-mode Technology
Microprocessor Reset IC
Features
Precision Monitoring Voltage of +2.2V and
+3.7V
Fully Specified Over Temperature
Available in Three Output Configurations
Push-Pull
RESET Output (G656L)
Push-Pull RESET Output (G656H)
Open-Drain RESET Output (G657L)
Reset Deassert Time Smaller than 100µs when
VCC Higher than Monitor Voltages (CD Pin Float-
ing)
Externally Programmable Time Delay Generator
27µA Supply Current at VCC=3.3V
Guaranteed Reset Valid to VCC = 0.8V
TSOT-23-5 Packages
2% Threshold Accuracy
Applications
Computers
Controllers
Intelligent Instruments
Critical µP and µC Power Monitoring
Portable / Battery-Powered Equipment
Automotive
General Description
The G656/G657 are microprocessor (µP) supervisory
circuits used to monitor the power supplies in µP and
digital systems. They provide excellent circuit reliability
and low cost.
These circuits perform a single function: they assert a
reset signal whenever the VCC supply voltage declines
below a preset threshold, with hysteresis keeping it
asserted for time delay determined by externally pro-
grammable time delay generator after VCC has risen
above the reset threshold.
The G657L has an open-drain output stage, while the
G656 have push-pull outputs. The G657L’s open-drain
RESET output requires a pull-up resistor that can be
connected to a voltage higher than VCC. The G656L
has an active-low RESET output, while the G656H
has an active-high RESET output. The outputs are
guaranteed to be in the correct logic state for VCC
down to 0.8V.
The G656/G657 are available in 5-pin TSOT-23-5
package.
Pin Configuration
Typical Application Circuit
TSOT-23-5
RESET
(RESET)
VCC
5
1
2
NC
4
3
GND
CD
()is for G656H
*G657 only
RESET
INPUT
GND
µP
VCC
RESET
(RESET)
GND
G656/G657
VCC
CD
V
CC
C
D
R
pull-up*
G656/G657
ICC may increased at high TA, Therefore, can not connect
Resistors to VCC to prevent Icc abnormal behavior at high TA.
TSOT-23-5
RESET
(RESET)
VCC
5
1
2
NC
4
3
GND
CD
()is for G656H
*G657 only
RESET
INPUT
GND
µP
VCC
RESET
(RESET)
GND
G656/G657
VCC
CD
V
CC
C
D
R
pull-up*
G656/G657
ICC may increased at high TA, Therefore, can not connect
Resistors to VCC to prevent Icc abnormal behavior at high TA.


Similar Part No. - G656

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
G650-06076-01 ETC-G650-06076-01 Datasheet
912Kb / 10P
M.2 Accelerator with Dual Edge TPU datasheet
2020
logo
Allegro MicroSystems
G6551 ALLEGRO-G6551 Datasheet
175Kb / 8P
OFF-LINE QUASI-RESONANT FLYBACK SWITCHING REGULATOR
logo
Goford Semiconductor
G65P06D5 GOFORD-G65P06D5 Datasheet
652Kb / 6P
P-Channel Enhancement Mode Power MOSFET
G65P06D5A GOFORD-G65P06D5A Datasheet
634Kb / 6P
P-Channel Enhancement Mode Power MOSFET
G65P06F GOFORD-G65P06F Datasheet
668Kb / 6P
P-Channel Enhancement Mode Power MOSFET
More results

Similar Description - G656

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
G690 GMT-G690 Datasheet
219Kb / 12P
Microprocessor Reset IC
logo
List of Unclassifed Man...
G680 ETC-G680 Datasheet
101Kb / 7P
Microprocessor Reset IC
logo
Global Mixed-mode Techn...
G684 GMT-G684 Datasheet
174Kb / 7P
Microprocessor Reset IC
G696 GMT-G696_06 Datasheet
164Kb / 11P
Microprocessor Reset IC
logo
Silicon Standard Corp.
SS8037 SSC-SS8037 Datasheet
326Kb / 9P
Microprocessor Reset IC
logo
Global Mixed-mode Techn...
G680 GMT-G680 Datasheet
56Kb / 1P
Microprocessor Reset IC
G676 GMT-G676 Datasheet
49Kb / 1P
Microprocessor Reset IC
G674 GMT-G674 Datasheet
37Kb / 1P
Microprocessor Reset IC
G660 GMT-G660 Datasheet
103Kb / 1P
Microprocessor Reset IC
G630 GMT-G630 Datasheet
35Kb / 1P
Microprocessor Reset IC
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com