Electronic Components Datasheet Search
  English  ▼

X  

G558 Datasheet(PDF) 1 Page - Global Mixed-mode Technology Inc

Part # G558
Description  Current-Limit Switches
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GMT [Global Mixed-mode Technology Inc]
Direct Link  http://www.gmt.com.tw
Logo GMT - Global Mixed-mode Technology Inc

G558 Datasheet(HTML) 1 Page - Global Mixed-mode Technology Inc

  G558 Datasheet HTML 1Page - Global Mixed-mode Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Ver: 0.5
Sep 19, 2012
TEL: 886-3-5788833
http://www.gmt.com.tw
1
G558/G559
Global Mixed-mode Technology
Current-Limit Switches
Features
200m
Ω On-Resistance
Current Limit : 275mA (G558A/G559A),
175mA
(G558B/G559B), 250mA(G558C/G559C), 150mA
(G558D/G559D)
2.3V to 5.5V Supply Range
Undervoltage Lockout
85μA Supply Current
30μA Latch-OFF Current
1μA Maximum Shutdown Current
Latch-off
Function(G558X)
and
Auto-Restart
Function(G559X)
Active High Enable
Thermal-Shutdown Protection
Reverse-Current Limit Protection
40ms Blanking Time
280ms Auto-Restart Time(G559X)
FLAG Function
Fast Current-Limit Response Time
TSOT-23-5 Package
Applications
PDAs
Cell Phones
GPS Systems
Hand-Held Devices
General Description
The G558/G559 family of switches feature internal
current limiting to prevent host devices from being
damaged due to faulty load conditions. These analog
switches have a low 0.2
Ω on-resistance and operate
from a 2.3V to 5.5V input voltage range. They are
available with guaranteed 200mA and 100mA current
limits, making them ideal for load-switching applica-
tions.
When the switch is on and a load is connected to the
port, a typical blanking time of 40ms ensures that the
transient voltages settle down. If after this blanking
time the load current is greater than the current limit,
the G558 enter a latch-off state where the switch is
turned off and
FLAG is issued to the microprocessor.
The switch can be turned on again by cycling the
power or the ON pin. The ON pin of G558 is active
high.
The G559 have an auto-restart feature where the
switch turns off after the blanking time and then con-
tinuously checks to see if the overload condition is
present. The switch remains on after the overload con-
dition disappears.
The G558/G559 is available in TSOT-23-5 package.
Ordering Information
ORDER
NUMBER
MARKING
FUNCTION
OPTIONS
CURRENT LIMIT
TEMP.
RANGE
PACKAGE
(Green)
G558ATO1U
558Ax
Latch-off
275mA
-40°C~+105°C
TSOT-23-5
G558BTO1U
558Bx
Latch-off
175mA
-40°C~+105°C
TSOT-23-5
G559ATO1U
559Ax
Auto-Restart
275mA
-40°C~+105°C
TSOT-23-5
G559BTO1U
559Bx
Auto-Restart
175mA
-40°C~+105°C
TSOT-23-5
G558CTO1D
558Cx
Latch-off
250mA
-40°C~+105°C
TSOT-23-5
G558DTO1D
558Dx
Latch-off
150mA
-40°C~+105°C
TSOT-23-5
G559CTO1D
559Cx
Auto-Restart
250mA
-40°C~+105°C
TSOT-23-5
G559DTO1D
559Dx
Auto-Restart
150mA
-40°C~+105°C
TSOT-23-5
Note: TO: TSOT-23-5
1: Bonding Code
D: Tape & Reel
Pin Configuration
Typical Application Circuit
ON
TSOT-23-5
5
VIN
3
FLAG
VOUT
4
2
1
GND
G558/G559
FLAG
OUT
VIN
ON
OFF
GND
V
OUT
FLAG
V
IN
G558/G559
ON
ON
TSOT-23-5
5
VIN
3
FLAG
VOUT
4
2
1
GND
G558/G559
FLAG
OUT
VIN
ON
OFF
GND
V
OUT
FLAG
V
IN
G558/G559
ON


Similar Part No. - G558

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
G55-122N-155 BEL-G55-122N-155 Datasheet
882Kb / 2P
Vertical Mount Series
logo
Bourns Electronic Solut...
G5500AS BOURNS-G5500AS Datasheet
311Kb / 4P
G5000 and G6000 Series Overvoltage Protectors
logo
Global Mixed-mode Techn...
G5503 GMT-G5503 Datasheet
160Kb / 1P
300KHz, 3A Buck Converter
G551 GMT-G551 Datasheet
559Kb / 1P
Current-Limit Switches
G5512 GMT-G5512 Datasheet
84Kb / 1P
Integrated Power Solution for TFT-LCD
More results

Similar Description - G558

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4785 MAXIM-MAX4785 Datasheet
266Kb / 10P
50mA/100mA Current-Limit Switches
Rev 1; 4/03
MAX4789 MAXIM-MAX4789 Datasheet
325Kb / 12P
200mA/250mA/300mA Current-Limit Switches
Rev 2; 2/05
MAX4795 MAXIM-MAX4795 Datasheet
234Kb / 9P
450mA/500mA Current-Limit Switches
Rev 0; 8/03
MAX4789 MAXIM-MAX4789_08 Datasheet
168Kb / 11P
200mA/250mA/300mA Current-Limit Switches
Rev 3; 10/08
MAX4772 MAXIM-MAX4772 Datasheet
302Kb / 10P
200mA/500mA Selectable Current-Limit Switches
19-2926; Rev 0; 7/03
logo
Global Mixed-mode Techn...
G551 GMT-G551 Datasheet
559Kb / 1P
Current-Limit Switches
logo
Fitipower Integrated Te...
FP6866 FITIPOWER-FP6866 Datasheet
376Kb / 9P
200mA Current-Limit Switches
logo
Maxim Integrated Produc...
MAX4785 MAXIM-MAX4785_V01 Datasheet
659Kb / 10P
50mA/100mA Current-Limit Switches
2005
MAX4789 MAXIM-MAX4789_V01 Datasheet
1Mb / 12P
200mA/250mA/300mA Current-Limit Switches
2019
logo
List of Unclassifed Man...
KLS001X-OA ETC-KLS001X-OA Datasheet
827Kb / 4P
LIMIT Switches
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com