Electronic Components Datasheet Search
  English  ▼

X  

G554 Datasheet(PDF) 1 Page - Global Mixed-mode Technology Inc

Part # G554
Description  Dual Power Distribution Switch
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GMT [Global Mixed-mode Technology Inc]
Direct Link  http://www.gmt.com.tw
Logo GMT - Global Mixed-mode Technology Inc

G554 Datasheet(HTML) 1 Page - Global Mixed-mode Technology Inc

  G554 Datasheet HTML 1Page - Global Mixed-mode Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Ver 0.2
Jan 11, 2008
TEL: 886-3-5788833
http://www.gmt.com.tw
1
G554
Global Mixed-mode Technology Inc.
Dual Power Distribution Switch
Features
118m
Ω High-Side MOSFET
450mA Typical Current Limit with Foldback
Operating Range:2.7V to 5.5V
400µS Typical Rise Time
Under voltage Lockout
65µA Quiescent Supply Current
1µA Maximum Shutdown Supply Current
Logic Level Enable Pin, Available with
Active-High or Active-Low Version
No Reverse Current when Power Off
Deglitched Open-Drain Over-Current Flag
Output (
OC )
SOP-8 Package
Applications
High-Side Power Protection Switch
USB Power Management
USB Host and Self-Powered Bubs
USB Bus-Powered Hubs
Hot Plug-In Power Supplies
Battery-Charger Circuits
General Description
The G554 is an integrated dual channel 118m
Ω power
switch for self-powered and bus-powered Universal
Serial Bus (USB) applications.
Several Protection features include current limiting
with foldback, and thermal shutdown to prevent catas-
trophic switch failure caused by increasing power dis-
sipation when continuous heavy loads or short circuit
occurs. And a built-in charge pump is used to drive the
N-channel MOSFET that is free of parasitic body diode
to eliminate any reversed current flow across the
switch when it is powered off.
OC is open-drain output report over-current or
over-temperature event and has typical 9ms deglitch
timeout period.
Ordering Information
ORDER
NUMBER
MARKING
ENABLE
Current Limit
TEMP.
RANGE
PACKAGE
(Pb free)
G554D1P11U
G554D1
Active High
0.45A
-40°C to +85°C
SOP-8
G554D2P11U
G554D2
Active Low
0.45A
-40°C to +85°C
SOP-8
Note: P1: SOP-8
1: Bonding Code
U: Tape & Reel
Pin Configuration
Typical Application Circuit
0.1µF
22µF
Load
OC1
EN1 (EN1)
OC2
EN2 (EN2)
0.1µF
22µF
Load
1µF
Power Supply
2.7V to 5.5V
OUT1
OUT2
IN
8
6
5
1
2
3
4
GND
OC1
EN1(EN1)
SOP-8
G554
7
OUT1
IN
OUT2
EN2 (EN2)
OC2
0.1µF
22µF
Load
OC1
EN1 (EN1)
OC2
EN2 (EN2)
0.1µF
22µF
Load
1µF
Power Supply
2.7V to 5.5V
OUT1
OUT2
IN
8
6
5
1
2
3
4
GND
OC1
EN1(EN1)
SOP-8
G554
7
OUT1
IN
OUT2
EN2 (EN2)
OC2
8
6
5
1
2
3
4
GND
OC1
EN1(EN1)
SOP-8
G554
7
OUT1
IN
OUT2
EN2 (EN2)
OC2


Similar Part No. - G554

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
G55-122N-155 BEL-G55-122N-155 Datasheet
882Kb / 2P
Vertical Mount Series
logo
Bourns Electronic Solut...
G5500AS BOURNS-G5500AS Datasheet
311Kb / 4P
G5000 and G6000 Series Overvoltage Protectors
logo
Global Mixed-mode Techn...
G5503 GMT-G5503 Datasheet
160Kb / 1P
300KHz, 3A Buck Converter
G551 GMT-G551 Datasheet
559Kb / 1P
Current-Limit Switches
G5512 GMT-G5512 Datasheet
84Kb / 1P
Integrated Power Solution for TFT-LCD
More results

Similar Description - G554

ManufacturerPart #DatasheetDescription
logo
Advanced Monolithic Sys...
AMS2026 ADMOS-AMS2026 Datasheet
51Kb / 5P
DUAL POWER DISTRIBUTION SWITCH
logo
Taiwan Semiconductor Co...
TS2026 TSC-TS2026 Datasheet
279Kb / 7P
Dual-Channel Power Distribution Switch
TS2026L TSC-TS2026L Datasheet
275Kb / 7P
Dual-Channel Power Distribution Switch
logo
Advanced Monolithic Sys...
AMS2026 ADMOS-AMS2026_05 Datasheet
53Kb / 5P
DUAL POWER DISTRIBUTION SWITCH
logo
Micrel Semiconductor
MIC2026-2YMTR MICREL-MIC2026-2YMTR Datasheet
1,000Kb / 16P
Dual-Channel Power Distribution Switch
logo
Global Mixed-mode Techn...
G556 GMT-G556 Datasheet
73Kb / 1P
Dual Power Distribution Switch
G546 GMT-G546 Datasheet
81Kb / 1P
Dual Power Distribution Switch
G526 GMT-G526 Datasheet
74Kb / 1P
Dual Power Distribution Switch
G5258 GMT-G5258 Datasheet
77Kb / 1P
Dual Power Distribution Switch
logo
Fitipower Integrated Te...
FP6861D FITIPOWER-FP6861D Datasheet
311Kb / 6P
Dual-Channel Power Distribution Switch
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com