Electronic Components Datasheet Search
  English  ▼

X  

G548S Datasheet(PDF) 1 Page - Global Mixed-mode Technology Inc

Part # G548S
Description  Power Distribution Switch
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GMT [Global Mixed-mode Technology Inc]
Direct Link  http://www.gmt.com.tw
Logo GMT - Global Mixed-mode Technology Inc

G548S Datasheet(HTML) 1 Page - Global Mixed-mode Technology Inc

  G548S Datasheet HTML 1Page - Global Mixed-mode Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Ver: 0.1
Mar 27, 2013
TEL: 886-3-5788833
http://www.gmt.com.tw
1
G548S
Global Mixed-mode Technology
Power Distribution Switch
Features
70m
Ω High-Side MOSFET
Operating Range:2.7V to 5.5V
1mS Typical Rise Time
Fast Overcurrent Response 1.5µs (TYP.)
Under voltage Lockout
130µA Quiescent Supply Current
1µA Maximum Shutdown Supply Current
No Reverse Current when Power Off
Deglitched Open-Drain Over-Current Flag
Output (
OC )
Output Reverse-Voltage Protection
SOP-8 Packages
Applications
High-Side Power Protection Switch
USB Power Management
USB Host and Self-Powered Bubs
USB Bus-Powered Hubs
Hot Plug-In Power Supplies
Battery-Charger Circuits
General Description
The G548S is an integrated power switch for
self-powered and bus-powered Universal Serial Bus
(USB) applications.
Several Protection features include current limiting and
thermal shutdown to prevent catastrophic switch fail-
ure caused by increasing power dissipation when con-
tinuous heavy loads or short circuit occurs. A built-in
charge pump is used to drive the N-channel MOSFET
that is free of parasitic body diode to eliminate any
reversed current flow across the switch when it is pow-
ered off. When the output voltage is higher than input
voltage, the power switch is turned off by internal out-
put reverse-voltage comparator.
OC is open-drain output report over-current or
over-temperature event and has typical 9ms deglitch
timeout period. In addition,
OC also reports output
reverse-voltage condition with typical 5ms deglitch
timeout period.
Ordering Information
ORDER
NUMBER
MARKING
ENABLE
Current
Limit
Output
MOS
RDS(ON)
TEMP.
RANGE
PACKAGE
(Green)
G548S1P11U
G548S1
Active High
1.5A
70m
Ω
-40oC to +85oC
SOP-8
Note:P1: SO
P-8
1: Bonding Code
U: Tape & Reel
Pin Configuration
Typical Application Circuit
0.1µF
22µF
Load
OC
EN
1µF
Power Supply
2.7V to 5.5V
OUT
IN
ON
OFF
*
*: 1µF of input capacitor is enough in most application cases.
If the PCB trace of power rail to IN is long, larger input capacitor is necessary.
G548S
*Pin#6 should be considered as OUT when circuit
design and PCB layout, but it is NC pin actually.
8
6
5
1
2
3
4
GND
SOP-8
G548S
7
OUT
EN
OUT
OC
IN
IN
OUT
*
0.1µF
22µF
Load
OC
EN
1µF
Power Supply
2.7V to 5.5V
OUT
IN
ON
OFF
*
*: 1µF of input capacitor is enough in most application cases.
If the PCB trace of power rail to IN is long, larger input capacitor is necessary.
G548S
*Pin#6 should be considered as OUT when circuit
design and PCB layout, but it is NC pin actually.
8
6
5
1
2
3
4
GND
SOP-8
G548S
7
OUT
EN
OUT
OC
IN
IN
OUT
*


Similar Part No. - G548S

ManufacturerPart #DatasheetDescription
logo
Heyco.
G5400 HEYCO-G5400 Datasheet
131Kb / 1P
Plugs for Threaded Ports
G5401 HEYCO-G5401 Datasheet
131Kb / 1P
Plugs for Threaded Ports
G5402 HEYCO-G5402 Datasheet
131Kb / 1P
Plugs for Threaded Ports
G5403 HEYCO-G5403 Datasheet
131Kb / 1P
Plugs for Threaded Ports
G5404 HEYCO-G5404 Datasheet
131Kb / 1P
Plugs for Threaded Ports
More results

Similar Description - G548S

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2537 MICREL-MIC2537_11 Datasheet
86Kb / 12P
Quad Power Distribution Switch Quad Power Distribution Switch
logo
Global Mixed-mode Techn...
G553 GMT-G553 Datasheet
179Kb / 1P
Power Distribution Switch
logo
Unisonic Technologies
US3X77 UTC-US3X77_15 Datasheet
628Kb / 10P
POWER DISTRIBUTION SWITCH
logo
Global Mixed-mode Techn...
G557 GMT-G557 Datasheet
75Kb / 1P
Power Distribution Switch
G543 GMT-G543 Datasheet
55Kb / 1P
Power Distribution Switch
G5250 GMT-G5250 Datasheet
90Kb / 1P
Power Distribution Switch
logo
Unisonic Technologies
US3X77 UTC-US3X77_17 Datasheet
636Kb / 10P
POWER DISTRIBUTION SWITCH
US3075 UTC-US3075_15 Datasheet
603Kb / 9P
POWER DISTRIBUTION SWITCH
logo
List of Unclassifed Man...
G547E ETC1-G547E Datasheet
1Mb / 15P
Power Distribution Switch
logo
Global Mixed-mode Techn...
G524A GMT-G524A_V01 Datasheet
2Mb / 19P
Power Distribution Switch
Ver: 0.94 Aug 02, 2016
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com