Electronic Components Datasheet Search
  English  ▼

X  

TDA3653B Datasheet(PDF) 7 Page - NXP Semiconductors

Part # TDA3653B
Description  VERTICAL DEFLECTION AND GUARD CIRCUIT 90째
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA3653B Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button TDA3653B Datasheet HTML 3Page - NXP Semiconductors TDA3653B Datasheet HTML 4Page - NXP Semiconductors TDA3653B Datasheet HTML 5Page - NXP Semiconductors TDA3653B Datasheet HTML 6Page - NXP Semiconductors TDA3653B Datasheet HTML 7Page - NXP Semiconductors TDA3653B Datasheet HTML 8Page - NXP Semiconductors TDA3653B Datasheet HTML 9Page - NXP Semiconductors TDA3653B Datasheet HTML 10Page - NXP Semiconductors TDA3653B Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
March 1991
7
Philips Semiconductors
Product specification
Vertical deflection and guard circuit (90˚)
TDA3653B
TDA3653C
Notes to the characteristics
1. The maximum supply voltage should be chosen such that during flyback the voltage at pin 5 does not exceed 60 V.
2. When V5-4 = 13 V and no load at pin 5.
3. Duty factor maximum 3.3%.
4. Guard circuit is active.
5. During normal operation the voltage V8-2 may not be lower than 2.5 V.
6. Rload = 8 Ω; Iload(rms) = 125 mA.
7. With 220 pF between pins 1 and 5.
Input current during scan (pin 3)
pins 1 and 3 not connected
I3
0.03
−−
mA
pins 1 and 3 connected
I3
−−
0.21
mA
Input resistance (pin 3)
R3
3.9
5.3
6.7
k
Ω
Input voltage during flyback (pin 1)
V1-2
−−
250
mV
Input voltage during flyback (pin 3)
V3-2
−−
250
mV
Guard circuit
Output voltage (pin 7)
note 4
loaded with 100 k
Ω
V7-2
4.4
5.1
5.8
V
loaded with 0.5 mA
V7-2
3.6
4.4
5.3
V
Internal series resistance of pin 7
Ri7
0.95
1.35
1.7
k
Ω
Guard circuit active if
V8-2 is lower than
note 5
V8-2
−−
1.8
V
General data
Thermal protection becomes active
if junction temperature exceeds
Tj
158
175
192
°C
Thermal resistance junction
to mounting base
Rth j-mb
−
10
12
K/W
Open loop gain at 1 kHz
note 6
GoI
−
42
−
dB
Frequency response (
−3 dB)
note 7
f
−
40
−
kHz
PARAMETER
CONDITIONS
SYMBOL
MIN.
TYP.
MAX.
UNIT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com