Electronic Components Datasheet Search
  English  ▼

X  

LMT01 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # LMT01
Description  0.5째C Accurate 2-Pin Digital Output Temperature Sensor with Pulse Count Interface
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMT01 Datasheet(HTML) 21 Page - Texas Instruments

Back Button LMT01 Datasheet HTML 17Page - Texas Instruments LMT01 Datasheet HTML 18Page - Texas Instruments LMT01 Datasheet HTML 19Page - Texas Instruments LMT01 Datasheet HTML 20Page - Texas Instruments LMT01 Datasheet HTML 21Page - Texas Instruments LMT01 Datasheet HTML 22Page - Texas Instruments LMT01 Datasheet HTML 23Page - Texas Instruments LMT01 Datasheet HTML 24Page - Texas Instruments LMT01 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 27 page
background image
VN
VP
LMT01
www.ti.com
SNIS189A – JUNE 2015 – REVISED JUNE 2015
9 Power Supply Recommendations
Since the LMT01 is only a 2-pin device the power pins are common with the signal pins, thus the LMT01 has a
floating supply that can vary greatly. The LMT01 has an internal regulator that provides a stable voltage to
internal circuitry.
Care should be taken to prevent reverse biasing of the LMT01 as exceeding the absolute maximum ratings may
cause damage to the device.
Power supply ramp rate can effect the accuracy of the first result transmitted by the LMT01. As shown in
Figure 34 with a 1ms rise time the LMT01 output code is at 1286 which converts to 30.125°C. The scope photo
shown in Figure 35 reflects what happens when the rise time is too slow. As can be seen the power supply
(yellow trace) is still ramping up to final value while the LMT01 (red trace) has already started a conversion. This
causes the output pulse count to decrease from the 1286, shown previously, to 1282 or 29.875°C. Thus, for slow
ramp rates it is recommended that the first conversion be discarded. For even slower ramp rates more than one
conversion may have to be discarded as it is recommended that either the power supply be within final value
before a conversion is used or that ramp rates be faster than 2.5 ms.
Yellow trace = 1 V/div, Red trace = 100 mV/div, Time Base = 20
Yellow trace = 1V/div, Red trace = 100 mV/div, Time base = 20
ms/div
ms/div
TA= 30°C
LMT01 Pulse Count = 1286
TA=30°C
LMT01 Pulse Count = 1282
VP-VN = 3.3 V
Rise Time = 1 ms
VP-VN=3.3 V
Rise Time = 100 ms
Figure 34. Output pulse count with appropriate power
Figure 35. Output pulse count with slow power supply rise
supply rise time
time
10 Layout
10.1 Layout Guidelines
The LMT01 can be mounted to a PCB as shown in Figure 36. Care should be taken to make the traces leading
to the LMT01's pads as small as possible in order to minimize their effect on the temperature the LMT01 is
measuring.
10.2 Layout Example
Figure 36.
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Links: LMT01



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com