Electronic Components Datasheet Search
  English  ▼

X  

CEU4301 Datasheet(PDF) 3 Page - Chino-Excel Technology

Part # CEU4301
Description  P-Channel Enhancement Mode Field Effect Transistor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CET [Chino-Excel Technology]
Direct Link  http://www.cetsemi.com
Logo CET - Chino-Excel Technology

CEU4301 Datasheet(HTML) 3 Page - Chino-Excel Technology

  CEU4301 Datasheet HTML 1Page - Chino-Excel Technology CEU4301 Datasheet HTML 2Page - Chino-Excel Technology CEU4301 Datasheet HTML 3Page - Chino-Excel Technology CEU4301 Datasheet HTML 4Page - Chino-Excel Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
CED4301/CEU4301
3
-VDS, Drain-to-Source Voltage (V)
Figure 1. Output Characteristics
-VGS, Gate-to-Source Voltage (V)
Figure 2. Transfer Characteristics
-VDS, Drain-to-Source Voltage (V)
Figure 3. Capacitance
TJ, Junction Temperature( C)
Figure 4. On-Resistance Variation
with Temperature
2.2
1.9
1.6
1.3
1.0
0.7
0.4
VGS=-10V
ID=-12A
-100
-50
0
50
100
150
200
TJ, Junction Temperature( C)
Figure 5. Gate Threshold Variation
with Temperature
1.3
1.2
1.1
1.0
0.9
0.8
0.7
0.6
VDS=VGS
ID=-250µA
-50 -25 0 25 50 75 100 125 150
-VSD, Body Diode Forward Voltage (V)
Figure 6. Body Diode Forward Voltage
Variation with Source Current
0.4
0.6
0.8
1.0
10
1
10
0
10
2
1.4
1.2
VGS=0V
Ciss
Coss
Crss
1500
1250
1000
750
500
250
0
0
5
10
15
20
25
35
28
21
14
7
0
0
2
5
1
4
3
25 C
-55 C
TJ=125 C
25
20
15
10
5
0
0
1
4
5
-VGS=4.0V
3
2
-VGS=10,8,6V
-VGS=5.0V
-VGS=3.0V



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com