Electronic Components Datasheet Search
  English  ▼

X  

MTS9539G6 Datasheet(PDF) 2 Page - Cystech Electonics Corp.

Part # MTS9539G6
Description  N- AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

MTS9539G6 Datasheet(HTML) 2 Page - Cystech Electonics Corp.

  MTS9539G6 Datasheet HTML 1Page - Cystech Electonics Corp. MTS9539G6 Datasheet HTML 2Page - Cystech Electonics Corp. MTS9539G6 Datasheet HTML 3Page - Cystech Electonics Corp. MTS9539G6 Datasheet HTML 4Page - Cystech Electonics Corp. MTS9539G6 Datasheet HTML 5Page - Cystech Electonics Corp. MTS9539G6 Datasheet HTML 6Page - Cystech Electonics Corp. MTS9539G6 Datasheet HTML 7Page - Cystech Electonics Corp. MTS9539G6 Datasheet HTML 8Page - Cystech Electonics Corp. MTS9539G6 Datasheet HTML 9Page - Cystech Electonics Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
CYStech Electronics Corp.
Spec. No. : C094G6
Issued Date : 2015.10.27
Revised Date :
Page No. : 2/13
MTS9539G6
CYStek Product Specification
Absolute Maximum Ratings (Ta=25°C)
Limits
Parameter
Symbol
N-channel
P-channel
Unit
Drain-Source Breakdown Voltage
BVDSS
60
-30
Gate-Source Voltage
VGS
±
20
±
20
V
Continuous Drain Current @TA=25
°C (Note 1)
0.6
-3.7
Continuous Drain Current @TA=70
°C (Note 1)
ID
0.48
-3.0
Pulsed Drain Current (Note 2)
IDM
1.8
-30
A
PD
1.14
W
Total Power Dissipation (Note 1)
Linear Derating Factor
0.01
W /
°C
Operating Junction and Storage Temperature
Tj, Tstg
-55~+150
°C
Thermal Resistance, Junction-to-Ambient (Note 1)
Rth,ja
110
°C/W
Note : 1.Surface mounted on 1 in² copper pad of FR-4 board, t≤5 sec; 180
°C/W when mounted on minimum copper pad
2.
Pulse width limited by maximum junction temperature
N-Channel Electrical Characteristics (Tj=25°C, unless otherwise specified)
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
Static
BVDSS
60
-
-
VGS=0V, ID=250μA
VGS(th)
0.8
-
1.5
V
VDS=3V, ID=100μA
IGSS
-
-
±10
VGS=±20V, VDS=0V
-
-
1
VDS=60V, VGS=0V
IDSS
-
-
10
μA
VDS=48V, VGS=0, Tj=70
°C
-
1.0
2
ID=300mA, VGS=10V
-
1.2
2.5
ID=100mA, VGS=4V
*RDS(ON)
-
1.6
3
Ω
ID=10mA, VGS=2.5V
*GFS
100
270
-
mS
VDS=10V, ID=100mA
Dynamic
Ciss
-
36
-
Coss
-
14
-
Crss
-
1.3
-
pF
VDS=25V, VGS=0V, f=1MHz
*td(ON)
-
6
-
*tr
-
15.8
-
*td(OFF)
-
14.8
-
*tf
-
21.4
-
ns
VDS=30V, ID=100mA, VGS=5V, RG=25Ω
*Qg
-
1.12
-
*Qgs
-
0.24
-
*Qgd
-
0.44
-
nC
VDS=30V, ID=0.3A, VGS=4.5V
Source-Drain Diode
*IS
-
-
0.6
*ISM
-
-
1.8
A
*VSD
-
0.79
1.2
V
VGS=0V, IS=100mA
*Pulse Test : Pulse Width
≤300μs, Duty Cycle≤2%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com