Electronic Components Datasheet Search
  English  ▼

X  

HA2841 Datasheet(PDF) 1 Page - Intersil Corporation

Part # HA2841
Description  Window Comparator With Independent Adjustments
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HA2841 Datasheet(HTML) 1 Page - Intersil Corporation

  HA2841 Datasheet HTML 1Page - Intersil Corporation HA2841 Datasheet HTML 2Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
1-888-INTERSIL or 321-724-7143
| Copyright
© Intersil Corporation 1999
Window Comparator With Independent Adjust-
ments (HA2841, HA4905)
Introduction
Window comparators, or limit comparators as they are
sometimes called, determine when the input voltage is within
a pre-selected range. The output voltage usually goes to a
TTL high when the input voltage is within the pre-selected
range. A typical window comparator circuit normally consists
of two comparators with two reference adjustments: one for
the low trip level, and one for the high trip level. If the refer-
ence voltages are derived from the same resistor divider
string, hystersis can not be added without having the trip lev-
els interact. If the reference voltages are independently
derived they can drift in different directions causing the win-
dow to widen or possibly disappear.
The window comparator shown in Figure 1 circumvents
these problems with independent trip and window adjust-
ments. The HA2841 op amp (selected because it has high
speed and low input currents) adds the input signal to the
trip voltage developed by RT. The window width voltage RW
is summed into the output of the op amp as an offset volt-
age. The op amp has two feedback loops each of which con-
tains a steering diode, D1 or D2. The high open loop gain of
the op amp insures that one diode will always be forward
biased unless RW supplies the feedback current, thus when
the sum of the input voltages (closed loop gain is one) and
IRW passes through zero the current flow switches from one
diode to the other. The output comparator senses the polar-
ity switch across the diodes, and the comparator output volt-
age changes.
The HA4905 comparator has inputs that can work from the
15V supplies, thus the input voltage swing is matched to the
op amp’s output voltage swing. Even though the input sec-
tion of the HA4905 is connected to 15V, the output section
can be connected from +5V to ground, thus offering a TTL
compatible output voltage.
RT sets the trip point anywhere between the power supplies,
and RW sets the window width from zero, when the center tap
voltage is zero, to about 90 percent of the input waveform.
The trip point should be set first, then the window can be set
to the desired width. Since the adjustments do not interact,
the trip point stays constant as the window width is changed.
There might be a temptation to change the comparator to an
op amp. This is poor practice for any circuit which requires
high speed performance because the op amp output would
saturate causing uncontrolled time delays. The comparator
is subject to multiple switching caused by high frequency
noise riding on slow rising input signals. The multiple switch-
ing is eliminated by the capacitor, C, which is placed across
its input leads. Effectively, C couples the high frequency
noise onto both comparator leads enabling it to be rejected
by the comparator’s common-mode rejection capability.
Notice in the waveform that there is no multiple switching
taking place.
This circuit yields a window comparator with independent
adjustments, temperature stability, wide voltage range com-
patibility, and TTL compatibility.
HA2841
RG1
10K
RG2
10K
RT
5K
+15V
-15V
RF2
10K
-15V
+15V
3
2
4
7
6
RF1
10K
+
-
D1
D2
47pF
3
4
INPUT
-15
+15
+5V
R
100K
+15V
5
9
VO
2
13
HA4905
1/4
+
-
RW
10K
C
FIGURE 1. WINDOW COMPARATOR WITH INDEPENDENT
ADJUSTMENTS
1
FIGURE 2.
Application Note
April 1998
AN9802


Similar Part No. - HA2841

ManufacturerPart #DatasheetDescription
logo
Harris Corporation
HA2840 HARRIS-HA2840 Datasheet
142Kb / 7P
600MHz, Very High Slew Rate Operational Amplifier
More results

Similar Description - HA2841

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD1317 AD-AD1317 Datasheet
286Kb / 12P
Ultrahigh Speed Window Comparator with Latch
REV.A
AD53042 AD-AD53042 Datasheet
70Kb / 4P
High Speed Window Comparator
logo
Linear Technology
LTC1042 LINER-LTC1042 Datasheet
576Kb / 8P
Window Comparator
LT1715 LINER-LT1715 Datasheet
239Kb / 16P
4ns, 150MHz Dual Comparator with Independent Input/Output Supplies
logo
Intersil Corporation
EL5287 INTERSIL-EL5287 Datasheet
136Kb / 8P
Window 4ns High-Speed Comparator
January 18, 2002
logo
Linear Technology
LTC1042 LINER-LTC1042_09 Datasheet
172Kb / 8P
Window Comparator
logo
Analog Devices
AD53042 AD-AD53042_15 Datasheet
74Kb / 4P
High Speed Window Comparator
REV. A
logo
Linear Technology
LTC1042 LINER-LTC1042_15 Datasheet
123Kb / 8P
Window Comparator
LT1715 LINER-LT1715_15 Datasheet
255Kb / 20P
4ns, 150MHz Dual Comparator with Independent Input/Output Supplies
logo
Shaoxing Devechip Micro...
SDP393 SDC-SDP393 Datasheet
565Kb / 11P
Four-dImensIonal independent comparator
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com