Electronic Components Datasheet Search
  English  ▼

X  

LMV612 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # LMV612
Description  LMV611 Single/LMV612 Dual/LMV614 Quad 1.4 MHz, Low Power General Purpose, 1.8V Operational Amplifiers
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMV612 Datasheet(HTML) 13 Page - Texas Instruments

Back Button LMV612 Datasheet HTML 9Page - Texas Instruments LMV612 Datasheet HTML 10Page - Texas Instruments LMV612 Datasheet HTML 11Page - Texas Instruments LMV612 Datasheet HTML 12Page - Texas Instruments LMV612 Datasheet HTML 13Page - Texas Instruments LMV612 Datasheet HTML 14Page - Texas Instruments LMV612 Datasheet HTML 15Page - Texas Instruments LMV612 Datasheet HTML 16Page - Texas Instruments LMV612 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 31 page
background image
LMV611, LMV612, LMV614
www.ti.com
SNOSC69B – APRIL 2012 – REVISED MARCH 2013
APPLICATION NOTE
INPUT AND OUTPUT STAGE
The rail-to-rail input stage of this family provides more flexibility for the designer. The LMV611/LMV612/LMV614
use a complimentary PNP and NPN input stage in which the PNP stage senses common mode voltage near V−
and the NPN stage senses common mode voltage near V+. The transition from the PNP stage to NPN stage
occurs 1V below V+. Since both input stages have their own offset voltage, the offset of the amplifier becomes a
function of the input common mode voltage and has a crossover point at 1V below V+.
This VOS crossover point can create problems for both DC and AC coupled signals if proper care is not taken.
Large input signals that include the VOS crossover point will cause distortion in the output signal. One way to
avoid such distortion is to keep the signal away from the crossover. For example, in a unity gain buffer
configuration and with VS = 5V, a 5V peak-to-peak signal will contain input-crossover distortion while a 3V peak-
to-peak signal centered at 1.5V will not contain input-crossover distortion as it avoids the crossover point.
Another way to avoid large signal distortion is to use a gain of
−1 circuit which avoids any voltage excursions at
the input terminals of the amplifier. In that circuit, the common mode DC voltage can be set at a level away from
the VOS cross-over point. For small signals, this transition in VOS shows up as a VCM dependent spurious signal in
series with the input signal and can effectively degrade small signal parameters such as gain and common mode
rejection ratio. To resolve this problem, the small signal should be placed such that it avoids the VOS crossover
point. In addition to the rail-to-rail performance, the output stage can provide enough output current to drive 600
Ω
loads. Because of the high current capability, care should be taken not to exceed the 150°C maximum junction
temperature specification.
INPUT BIAS CURRENT CONSIDERATION
The LMV611/LMV612/LMV614 family has a complementary bipolar input stage. The typical input bias current (IB)
is 15nA. The input bias current can develop a significant offset voltage. This offset is primarily due to IB flowing
through the negative feedback resistor, RF. For example, if IB is 50nA and RF is 100kΩ, then an offset voltage of
5mV will develop (VOS = IB x RF). Using a compensation resistor (RC), as shown in Figure 31, cancels this effect.
But the input offset current (IOS) will still contribute to an offset voltage in the same manner.
Figure 31. Canceling the Offset Voltage due to Input Bias Current
Copyright © 2012–2013, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: LMV611 LMV612 LMV614



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com