Electronic Components Datasheet Search
  English  ▼

X  

NE522DR2 Datasheet(PDF) 2 Page - ON Semiconductor

Part # NE522DR2
Description  High-Speed Dual-Differential Comparator/Sense Amp
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NE522DR2 Datasheet(HTML) 2 Page - ON Semiconductor

  NE522DR2 Datasheet HTML 1Page - ON Semiconductor NE522DR2 Datasheet HTML 2Page - ON Semiconductor NE522DR2 Datasheet HTML 3Page - ON Semiconductor NE522DR2 Datasheet HTML 4Page - ON Semiconductor NE522DR2 Datasheet HTML 5Page - ON Semiconductor NE522DR2 Datasheet HTML 6Page - ON Semiconductor NE522DR2 Datasheet HTML 7Page - ON Semiconductor NE522DR2 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
NE522
http://onsemi.com
2
14
2
1
13
12
11
V−
V+
V
9
7
4
6
5
8
R2
R1
R17
R16
R20
R21
R2
R14
R6
R15
R3
R5
R4
R8
R10
R7
R9
R12
R11
R19
R18
R26
R27
R28
Q2
Q2
Q4
Q3
Q6
Q5
Q25
Q26
Q28
Q35
Q32
Q31
Q24
Q23
Q22
Q21
Q20
Q16
Q18
Q17
Q19
Q14
Q15
Q9
Q10
Q8
Q13
Q11
D3
D2
D1
D4
D5
D7
D6
13
−
+
+
−
Figure 2. Equivalent Schematic
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Single Supply Voltage
Positive
Negative
V+
V−
+7.0
−7.0
V
Differential Input Voltage
VIDR
"6.0
V
Input Voltage
Common-Mode
Strobe/Gate
VIN
"5.0
+5.25
V
Power Dissipation
PD
600
mW
Thermal Resistance, Junction−to−Ambient
N Package
D Package
RqJA
100
145
°C/W
Operating Temperature Range
Tamb
0 to 70
°C
Operating Junction Temperature
TJ
150
°C
Storage Temperature Range
Tstg
−65 to +150
°C
Lead Soldering Temperature (10 sec max)
Tsld
+230
°C
Maximum ratings are those values beyond which device damage can occur. Maximum ratings applied to the device are individual stress limit values
(not normal operating conditions) and are not valid simultaneously. If these limits are exceeded, device functional operation is not implied, damage
may occur and reliability may be affected.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com