Electronic Components Datasheet Search
  English  ▼

X  

PCP1403 Datasheet(PDF) 1 Page - ON Semiconductor

Part # PCP1403
Description  N-Channel Power MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

PCP1403 Datasheet(HTML) 1 Page - ON Semiconductor

  PCP1403 Datasheet HTML 1Page - ON Semiconductor PCP1403 Datasheet HTML 2Page - ON Semiconductor PCP1403 Datasheet HTML 3Page - ON Semiconductor PCP1403 Datasheet HTML 4Page - ON Semiconductor PCP1403 Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
52014 TKIM TC-00003103/22514 TKIM No. A2294-1/5
Semiconductor Components Industries, LLC, 2014
May, 2014
http://onsemi.com
PCP1403
Features
• On-resistance RDS(on)1=92mΩ(typ.)
• 4V drive
• Protection Diode in
• Halogen free compliance
Specifications
Absolute Maximum Ratings at Ta = 25
°C
Parameter
Symbol
Conditions
Value
Unit
Drain to Source Voltage
VDSS
60
V
Gate to Source Voltage
VGSS
±20
V
Drain Current (DC)
ID
4.5
A
Drain Current (Pulse)
IDP
PW
≤10μs, duty cycle≤1%
18
A
Power Dissipation
PD
Tc=25
°C
3.5
W
When mounted on ceramic substrate (600mm
2×0.8mm)
1.3
W
Junction Temperature
Tj
150
°C
Storage Temperature
Tstg
- 55 to +150
°C
Thermal Resistance Ratings
Parameter
Symbol
Value
Unit
Junction to Case Steady State
R
θJC
35.7
°C /W
Junction to Ambient
R
θJA
96.1
°C /W
When mounted on ceramic substrate (600mm
2×0.8mm)
Electrical Characteristics at Ta
= 25°C
Parameter
Symbol
Conditions
Value
Unit
min
typ
max
Drain to Source Breakdown Voltage
V(BR)DSS
ID=1mA, VGS=0V
60
V
Zero-Gate Voltage Drain Current
IDSS
VDS=60V, VGS=0V
1
μA
Gate to Source Leakage Current
IGSS
VGS=±16V, VDS=0V
±10
μA
Gate Threshold Voltage
VGS(th)
VDS=10V, ID=1mA
1.2
2.6
V
Forward Transconductance
gFS
VDS=10V, ID=2A
2.5
S
Static Drain to Source On-State Resistance
RDS(on)1
ID=2A, VGS=10V
92
117
m
Ω
RDS(on)2
ID=1A, VGS=4.5V
120
168
m
Ω
RDS(on)3
ID=1A, VGS=4V
132
185
m
Ω
Input Capacitance
Ciss
VDS=20V, f=1MHz
310
pF
Output Capacitance
Coss
40
pF
Reverse Transfer Capacitance
Crss
25
pF
Continued on next page.
Ordering number : ENA2294A
Stresses exceeding those listed in the Maximum Ratings table may damage the device. If any of these limits are exceeded, device functionality should not be assumed,
damage may occur and reliability may be affected.
N-Channel Power MOSFET
60V, 4.5A, 117mΩ, Single PCP
ORDERING INFORMATION
See detailed ordering and shipping information on page 2 of this data sheet.


Similar Part No. - PCP1403

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
PCP1402 ONSEMI-PCP1402 Datasheet
467Kb / 5P
Single N-Channel Power MOSFET
September, 2014
PCP1402-TD-H ONSEMI-PCP1402-TD-H Datasheet
467Kb / 5P
Single N-Channel Power MOSFET
September, 2014
PCP1405 ONSEMI-PCP1405 Datasheet
444Kb / 5P
Single N-Channel Power MOSFET
July, 2014
PCP1405-TD-H ONSEMI-PCP1405-TD-H Datasheet
444Kb / 5P
Single N-Channel Power MOSFET
July, 2014
More results

Similar Description - PCP1403

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQA70N15 FAIRCHILD-FQA70N15 Datasheet
738Kb / 8P
N-Channel Power MOSFET
FQA90N15 FAIRCHILD-FQA90N15 Datasheet
749Kb / 8P
N-Channel Power MOSFET
SSF7N90A FAIRCHILD-SSF7N90A Datasheet
249Kb / 8P
N-CHANNEL POWER MOSFET
FQH90N15 FAIRCHILD-FQH90N15_06 Datasheet
1Mb / 10P
N-Channel Power MOSFET
logo
Gunter Seniconductor Gm...
GFC224 GSG-GFC224 Datasheet
100Kb / 1P
N Channel Power MOSFET
GFC250 GSG-GFC250 Datasheet
114Kb / 1P
N Channel Power MOSFET
GFC254 GSG-GFC254 Datasheet
114Kb / 1P
N Channel Power MOSFET
GFC330 GSG-GFC330 Datasheet
98Kb / 1P
N Channel Power MOSFET
logo
ON Semiconductor
EMH2412-TL-H ONSEMI-EMH2412-TL-H Datasheet
550Kb / 7P
N-Channel Power MOSFET
July, 2013
logo
AiT Semiconductor Inc.
BSS123L AITSEMI-BSS123L Datasheet
486Kb / 5P
MOSFET N-CHANNEL POWER MOSFET
REV1.0
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com