Electronic Components Datasheet Search
  English  ▼

X  

M1632 Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # M1632
Description  Liquid Crystal Display Modules
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

M1632 Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button M1632 Datasheet HTML 3Page - List of Unclassifed Manufacturers M1632 Datasheet HTML 4Page - List of Unclassifed Manufacturers M1632 Datasheet HTML 5Page - List of Unclassifed Manufacturers M1632 Datasheet HTML 6Page - List of Unclassifed Manufacturers M1632 Datasheet HTML 7Page - List of Unclassifed Manufacturers M1632 Datasheet HTML 8Page - List of Unclassifed Manufacturers M1632 Datasheet HTML 9Page - List of Unclassifed Manufacturers M1632 Datasheet HTML 10Page - List of Unclassifed Manufacturers M1632 Datasheet HTML 11Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
7
V1 :Horizontal length of viewing area
mm
V2 :Vertical length of viewing area
mm
CN**: Terminal length
mm
CS**:Terminal length
mm
**CN or CS=0 in case of one side terminal type.
CC: Terminal length
mm
SE,SW,SN,SS : Seal width
(According to design or manufacturing condition:
about 2.0 mm to 4.0 mm)
Liquid Crystal Displays
Operating temperature range
With temperature compensation circuit (or volume)
(
0
°C to 50°C
°C to
°C)
Without temperature compensation circuit
(
0
°C to 50°C
°C to
°C)
Storage temperature range
(
- 20
°C to 60°C
°C to
°C)
CHECK LIST FOR CUSTOM DESIGNED LCD
1. Company
2. Application
3. Customer Specified Part No.
6. Panel Form
7. Display Mode
Viewing angle :
6 o'clock
12 o'clock
o'clock
Type:
TN
FSTN (Black and white)
STN: (
Yellow green
Gray
Blue)
Chromaticity coordinates (
≤ x ≤
,
≤ y ≤
)
Positive type
Negative type
Reflective
Transflective
Transmissive
Preferential specifications:
Response time ton
ms (
°C) toff
ms (
°C)
Viewing angle
deg. (
°C)
Contrast
(
°C)
Others
Surface finishing:
Normal
Anti-glare
Color:
Normal (neutral gray)
Red
Green
Blue
Front polarizer :
Attached type
Separate type
Rear polarizer :
Attached type
Separate type
8. Polarizer
F1: Horizontal length of upper glass
mm
F2: Vertical length of upper glass
mm
R1: Horizontal length of lower glass
the same as F1
R2*: Vertical length of lower glass
mm
*R2 is generally longer than F2 when terminals are with pin.
TF, TR***: Thickness of glass
mm
***Standard type: 1.1 mm or 0.7 mm
TU: Thickness of LCD
mm
End seal:
Right
Left
Right or Left
9. Driving Method
11. Terminal Connecting Method
10. Temperature Range
13. Schedule
12. Others
Static
Multiplexing: (1/
duty, 1/
bias)
Operating voltage (Vopr) :
V
Frame frequency:
Hz
Driving IC:
(Manufacturer
)
Current consumption:
µA
4. Design
New
Modified: Manufacturer
, Part No.
, Remarks
Equivalent: Manufacturer
, Part No.
, Remarks
5. Panel Dimensions
Estimate :
Sample : Delivery
, Quantity :
pcs
Mass production : Target price :
Delivery
, Total quantity:
pcs
Quantity per month:
pcs
Rubber connector (Zebra rubber)
Pin:
DIL
SIL
Pitch (
2.54
mm) Length (
mm)
Heat seal:
Equipped
Unnecessary
Print (Characters, lines, masks etc.) :
Yes
No
Protective film:
Yes (Color:
Red
Translucent
Transparent)
No
Chamfering (for heat-seal connector) :
Yes (Position:
)
(Quantity:
)
No
• Terminal
• Chamfering
• Drilling
Yes
No
Yes
No
- Type A -
- Type B -
Display area
Display area
TR
TU
TF
SE
V1
F1(=R1)
SW
END SEAL
6 o'clock
9 o'clock
3 o'clock
12 o'clock
- Type A (connection through conductive material) -
CC
- Type B (direct common) -
Chamfering
Displaying
surface
Rubber (zebra) connector type
Pin type



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com