Electronic Components Datasheet Search
  English  ▼

X  

L1652 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # L1652
Description  Liquid Crystal Display Modules
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

L1652 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  L1652 Datasheet HTML 1Page - List of Unclassifed Manufacturers L1652 Datasheet HTML 2Page - List of Unclassifed Manufacturers L1652 Datasheet HTML 3Page - List of Unclassifed Manufacturers L1652 Datasheet HTML 4Page - List of Unclassifed Manufacturers L1652 Datasheet HTML 5Page - List of Unclassifed Manufacturers L1652 Datasheet HTML 6Page - List of Unclassifed Manufacturers L1652 Datasheet HTML 7Page - List of Unclassifed Manufacturers L1652 Datasheet HTML 8Page - List of Unclassifed Manufacturers L1652 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
4
• SPECIFICATIONS :
Dot format (HxV,dot)
240 x 64
240 x 128
320 x 200
320 x 240
640 x 200
Model
G2446
G242C
G321D
G324E
G649D
STN type
Reflective
built-in RAM
-
-
-
-
-
(Gray mode)
Reflective wide temp.
built-in RAM
-
-
-
-
-
LED backlight
built-in RAM
-
-
-
-
-
LED backlight wide temp
built-in RAM
-
-
-
-
-
FSTN type
Transmissive
-
G2446X5R1A0S
G242CX5R1ACS
G321DX5R1A0S
G324EX5R1A0S
G649DX5R010S
(B&W mode)
with CFL backlight
built-in controller
G2446X5R1ACS
G242CX5R1A0S
G321DX5R1ACS
G324EX5R1ACS
-
Transflective
built-in RAM
-
-
-
-
-
Module size
Reflective (no backlight)
-
-
-
-
(H x V x T)
LED backlight
-
-
-
-
mm
CFL backlight
191,0 x 79,0 x 15,1
180,0 x 110,0 x 15,1
166,0 x 134,0 x 15,1
166,0 x 134,0 x 15,1
260,0 x 122,0 x 15,7
Viewing area (HxV) mm
134,0 x 41,0
134,0 x 76,0
128,0 x 110,0
128,0 x 110,0
216,0 x 83,0
Dot size (H x V) mm
0,49 x 0,49
0,47 x 0,47
0,34 x 0,48
0,32 x 0,39
0,30 x 0,36
Dot pitch (H x V) mm
0,53 x 0,53
0,51 x 0,51
0,38 x 0,52
0,36 x 0,43
0,33 x 0,39
Power supply voltage (V)
(VDD - VSS)
+ 5,0
+ 5,0
+ 5,0
+ 5,0
+ 5,0
(VLC - VSS)
*1
*1
-24,0
-24,0
-24,0
Current consumption
IDD
12
30
8
7,5
11
IDD (built-in controller)
15
40
23
23
-
(mA, typ.)
ILC
-
-
6
6,5
9
Driving method (duty)
1/64
1/128
1/200
1/240
1/200
Built-in LSI
Driver
MSM5298
KS0103
MSM5298
HD66204
MSM5298
MSM5299
KS0104
MSM5299
HD66205
MSM5299
or equivalent
or equivalent
or equivalent
or equivalent
or equivalent
Controller
SED1330FB
SED1330FB
SED1330FB
SED1330FB
-
Operating temperature range ( ºC)
0 to + 50
0 to + 50
0 to + 50
0 to + 50
0 to + 50
Storage temperature range ( ºC)
- 20 to + 60
- 20 to + 60
- 20 to + 60
- 20 to + 60
- 20 to + 60
Weight
Reflective (Transflective no backlight)
-
-
-
-
-
(g, typ.)
LED backlight
-
-
-
-
-
CFL backlight
200
280
350
350
420
LED backlight
Forward current consumption (mA)
-
-
-
-
-
Forward input voltage (V, typ.)
-
-
-
-
-
Mode
4800210
4800210
4800210
4800210
4800120
Inverter for CFL
Power supply voltage (V)
+ 5,0
+ 5,0
+ 5,0
+ 5,0
+ 12,0
Current consumption (mA, typ.)
250
350
365
365
390
*1 : built-in DC/DC converter (single power source)
*2 : Use with external temperature compensation
Since our policy is one of continous improvemets, we reserve the right to change the specifications of the products in the catalogue without notice.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com