Electronic Components Datasheet Search
  English  ▼

X  

M1E Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # M1E
Description  WIRELESS DOOR CHIME
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

M1E Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  M1E Datasheet HTML 1Page - List of Unclassifed Manufacturers M1E Datasheet HTML 2Page - List of Unclassifed Manufacturers M1E Datasheet HTML 3Page - List of Unclassifed Manufacturers M1E Datasheet HTML 4Page - List of Unclassifed Manufacturers M1E Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2/5
2002-03-04
WIRELESS DOOR CHIME
遙控門鈴 IC
DOOR CHIME
M1D-BL
ABSOLUTE MAXIMUM RATING
(TA=25℃)
Parameter
Rating
Unit
Supply Voltage
-0.3 to 5.0
V
Input Voltage
-0.2~V
DD +0.2
V
Operating Temperature
-20 to 75
℃
Storage Temperature
-50 to 125
℃
ELECTRICAL CHARACTERISTICS
Characteristics
Sym.
Min.
Typ.
Max.
Unit
Conditions
Operating Voltage
V
DD
2.4
4.5
5
V
Operating Current
I
OP
―
110
μA
Quiescent Current
I
SB
―
0.3
1
mA
No load
Output Drive Current
I
O
1
――
mA
@V
DS=1.2V
V
IH
V
DD –0.2
V
DD
V
DD
Input Voltage
V
IL
V
SS
V
SS
V
SS +0.2
V
Oscillator Frequency
Fosc
―
80
―
KHz
External± 30%
PIN DESCRIPTION
No.
Name
Description
1~8
A0~A7
3 states address inputs
9
VSS
Negative power supply
10
TEST
Testing use
11
ENV
RC envelop
12
BZ
Audio output
13
DI
Data input
14
X
Oscillator input
15
Y
Oscillator output
16
VT
Valid transmit
17
1T
OPEN : 2 times
VDD : 1 time
18
VDD
Positive power supply
M1D-BL
A0
VDD
1T
VSS
118
910
A1
A2
A3
A4
A5
A6
A7
VT
Y
DI
BZ
ENV
TEST
X



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com