Electronic Components Datasheet Search
  English  ▼

X  

6AM13 Datasheet(PDF) 11 Page - Hitachi Semiconductor

Part # 6AM13
Description  Silicon N-Channel/P-Channel Complementary Power MOS FET Array
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

6AM13 Datasheet(HTML) 11 Page - Hitachi Semiconductor

Back Button 6AM13 Datasheet HTML 4Page - Hitachi Semiconductor 6AM13 Datasheet HTML 5Page - Hitachi Semiconductor 6AM13 Datasheet HTML 6Page - Hitachi Semiconductor 6AM13 Datasheet HTML 7Page - Hitachi Semiconductor 6AM13 Datasheet HTML 8Page - Hitachi Semiconductor 6AM13 Datasheet HTML 9Page - Hitachi Semiconductor 6AM13 Datasheet HTML 10Page - Hitachi Semiconductor 6AM13 Datasheet HTML 11Page - Hitachi Semiconductor 6AM13 Datasheet HTML 12Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
6AM13
11
Package Dimensions
Hitachi Code
JEDEC
EIAJ
Mass (reference value)
SP-12TA
—
—
6.1 g
31.3
24.4
± 0.1
16.4
± 0.3
+0.2
–0.3
3.8
3.2
φ
2.54
1.4
0.85
± 0.1
2.2
± 0.2
0.55
+0.1
–0.06
5.0
± 0.2
2.0
± 0.1
1
2345678
9
10 11 12
As of January, 2001
Unit: mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com