Electronic Components Datasheet Search
  English  ▼

X  

R4-SXDP-20FR-R1 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # R4-SXDP-20FR-R1
Description  4th Generation Bearing ??MTBF of 160,000 hours thanks to highly durable POM components.
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

R4-SXDP-20FR-R1 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  R4-SXDP-20FR-R1 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
4th Generation Bearing – MTBF of 160,000 hours thanks
to highly durable POM components.
Smart Fan engine – stops the fan when blocked to
prevent damage, and automatically restarts the fan
when it has been cleared.
Red / Blue / Green smooth LED lights provide freedom
of choice to the gamers.
The Cooler Master SickleFlow X introduces the new features to
the 120mm cooling fan series. Thanks to the 4th generation
bearing and POM material, the life expectancy is pushed up to an
incredible 160,000 hours. Smart fan engine design prevents the
damage and provides great cooling performance with maximum
2,000 RPM fan speed.
Available Color
Red / Blue / Green / None LED
Dimensions
120 x 120 x 25 mm (4.7 x 4.7 x 1 inch)
Speed
2,000 RPM ± 10%
Air Flow
69.69 CFM ± 10%
Air Pressure
2.94 mmH2O ± 10%
Life Expectancy
160,000 hrs
Noise Level
19 dBA
Bearing Type
4th Generation Bearing
Connector
3-Pin
Rated Voltage
12VDC
Rated Current
0.35A
Power Consumption
4.2W
Weight
g (lb)
Accessory
Metal Screw x 4
3 to 4 pin Adapter x 1
EAN Code
UPC Code
Package Dimensions
Carton Dimensions
Unit / Carton
Carton / Pallet
SickleFlow X
R4-SXNP-20FK-R1 (None LED)
R4-SXDP-20FB-R1 (Blue LED)
R4-SXDP-20FG-R1 (Green LED)
R4-SXDP-20FR-R1 (Red LED)
2 years
Features
Specifications
Package Information
Warranty


Similar Part No. - R4-SXDP-20FR-R1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
R4-BMBS-20PK-R0 ETC2-R4-BMBS-20PK-R0 Datasheet
1Mb / 1P
Distinguished blade shape for airflow improvement.
logo
Sealevel Systems, Inc.
R4-CONFIG SEALEVEL-R4-CONFIG Datasheet
605Kb / 2P
Relio R4 Configurable 1U Rackmount Industrial Computer
logo
List of Unclassifed Man...
R4-XFXS-16PK-R1 ETC2-R4-XFXS-16PK-R1 Datasheet
238Kb / 1P
Wide range PWM fan control from 500 to 1600 RPM.
More results

Similar Description - R4-SXDP-20FR-R1

ManufacturerPart #DatasheetDescription
logo
Seme LAB
BFC17 SEME-LAB-BFC17 Datasheet
30Kb / 2P
4TH GENERATION MOSFET
BFC47 SEME-LAB-BFC47 Datasheet
27Kb / 2P
4TH GENERATION MOSFET
BFC62 SEME-LAB-BFC62 Datasheet
28Kb / 2P
4TH GENERATION MOSFET
logo
Emerson Network Power
BXB50 EMERSON-NETWORKPOWER-BXB50 Datasheet
242Kb / 4P
Industry standard footprint MTBF >1.4 million hours (Bellcore 332)
logo
Seme LAB
BFC10 SEME-LAB-BFC10 Datasheet
31Kb / 2P
4TH GENERATION MOSFET
BFC12 SEME-LAB-BFC12 Datasheet
31Kb / 2P
4TH GENERATION MOSFET
BFC41 SEME-LAB-BFC41 Datasheet
28Kb / 2P
4TH GENERATION MOSFET
logo
TOKO, Inc
FSDVA TOKO-FSDVA Datasheet
180Kb / 1P
Highly durable against mechanical stress
logo
Bel Fuse Inc.
PFC250 BEL-PFC250 Datasheet
659Kb / 6P
Greater than 1 million hours demonstrated MTBF
PFC375 BEL-PFC375 Datasheet
691Kb / 6P
Greater than 1 million hours demonstrated MTBF
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com