Electronic Components Datasheet Search
  English  ▼

X  

L2432 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # L2432
Description  Liquid Crystal Display Modules
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

L2432 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  L2432 Datasheet HTML 1Page - List of Unclassifed Manufacturers L2432 Datasheet HTML 2Page - List of Unclassifed Manufacturers L2432 Datasheet HTML 3Page - List of Unclassifed Manufacturers L2432 Datasheet HTML 4Page - List of Unclassifed Manufacturers L2432 Datasheet HTML 5Page - List of Unclassifed Manufacturers L2432 Datasheet HTML 6Page - List of Unclassifed Manufacturers L2432 Datasheet HTML 7Page - List of Unclassifed Manufacturers L2432 Datasheet HTML 8Page - List of Unclassifed Manufacturers L2432 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
3
Dot Matrix Liquid Crystal Display Modules
GRAPHIC TYPE
• FEATURES :
•Wide viewing angle and high contrast
•Full dot configuration fits any application
•Slim, light weight and low power consumption
•Available in STN and FSTN
• SPECIFICATIONS :
Dot format (HxV,dot)
97 x 32
128 x 32
128 x 64
128 x 64
Model
Y97031
G1213
G1216
G1226
STN type
Reflective
built-in RAM
-
-
-
-
(Gray mode)
Reflective wide temp.
built-in RAM
-
G121300N000S
G121600N000S
-
LED backlight
built-in RAM
-
-
-
G1226B1J000S
LED backlight wide temp
built-in RAM
-
G1213B1N000S
G1216B1N000S
-
FSTN type
Transmissive
-
-
-
-
-
(B&W mode)
with CFL backlight
built-in controller
-
-
-
-
Transflective
built-in RAM
Y97031LF60W
-
-
-
Module size
Reflective (no backlight)
47,5 x 65,4 x 2,1
75,0 x 41,5 x 6,8
75,0 x 52,7 x 6,8
-
(H x V x T)
LED backlight
-
75,0 x 41,5 x 8,9
75,0 x 52,7 x 8,9
93,0 x 70,0 x 11,4
mm
CFL backlight
-
-
-
-
Viewing area (HxV) mm
43,5 x 23,9
60,0 x 21,3
60,0 x 32,5
70,7 x 38,8
Dot size (H x V) mm
0,35 x 0,48
0,40 x 0,48
0,40 x 0,40
0,44 x 0,44
Dot pitch (H x V) mm
0,39 x 0,52
0,43 x 0,51
0,43 x 0,43
0,48 x 0,48
Power supply voltage (V)
(VDD - VSS)
+ 5,0
+ 5,0
+ 5,0
+ 5,0
(VLC - VSS)
-
- 8,0
- 8,1
-8,2
Current consumption
IDD
0,10
2,0
2,0
3,0
IDD (built-in controller)
-
-
-
-
(mA, typ.)
ILC
-
1,8
1,8
2,0
Driving method (duty)
1/33
1/64
1/64
1/64
Built-in LSI
Driver
SED1530
HD61202
HD61202
KS0107
HD61203
HD61203
KS0108
or equivalent
or equivalent
or equivalent
or equivalent
Controller
-
-
-
-
Operating temperature range ( ºC)
- 20 to + 70
- 20 to + 70
- 20 to + 70
0 to + 50
Storage temperature range ( ºC)
- 30 to + 80
- 30 to + 80
- 30 to + 80
- 20 to + 60
Weight
Reflective (Transflective no backlight)
10
23
35
-
(g, typ.)
LED backlight
-
35
45
72
CFL backlight
-
-
-
-
LED backlight
Forward current consumption (mA)
-
40
90
125
Forward input voltage (V, typ.)
-
3,8
4,1
4,1
Mode
-
-
-
-
Inverter for CFL
Power supply voltage (V)
-
-
-
-
Current consumption (mA, typ.)
-
-
-
-
*1 : built-in DC/DC converter (single power source)
*2 : Use with external temperature compensation circuit
Since our policy is one of continues improvements we reserve the right to change the specifications of the products in the catalogue without notice.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com