Electronic Components Datasheet Search
  English  ▼

X  

RR-H103-22PB-R1 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # RR-H103-22PB-R1
Description  New tool-free mounting system for trouble-less installation.
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

RR-H103-22PB-R1 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  RR-H103-22PB-R1 Datasheet HTML 1Page - List of Unclassifed Manufacturers RR-H103-22PB-R1 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
The Cooler Master Hyper 103 is an affordable
mainstream Heatsink delivering great cooling
performance on all modern platforms thanks to the
special fin design with Cooler Master exclusive X-Vent
and Air-Guide technology that optimize air flow toward
heatpipes. The Hyper 103’s 92mm PWM fan features a
wide fan speed range and can be fine tuned for
maximum airflow and cooling performance or silent
operation. The low profile tower heatsink is a great
match for small form factor system.
Cooler Master exclusive X-Vent and Air-Guide
technology optimize the air flow toward heatpipes
and ultimately reduce CPU temperature.
3 direct Contact heatpipes with stylish aluminum fins
to provide excellent heat dissipation.
92mm wide range PWM blue LED fan, RPM can be
fine tuned for maximum airflow or whisper quiet
operation.
New tool-free mounting system for trouble-less
installation.
CPU Socket
Intel® LGA 2011/1366/1156/1155/1150/775
AMD FM2/FM1/AM3+/AM3 /AM2
Dimensions
108 x 89.5 x 138.5 mm (4.3 x 3.5 x 5.5 in)
Heat Sink Dimensions
96 x 61 x 138.5 mm (3.8 x 2.4 x 5.5 in)
Heat Sink Material
3 Direct Contact Heatpipes / Aluminum Fins
Heat Sink Weight
500 g / 1.1 lb
Heat Pipe Dimensions
Ø6mm
Fan Dimensions
92 x 92 x 25 mm (4.7 x 4.7 x 1 in)
Fan Speed
800~2,200 RPM (PWM) ± 10%
Fan Air Flow
15.7~43.1 CFM ± 10%
Fan Air Pressure
0.35~2.63 mm H2O ± 10%
Fan Life Expectancy
40,000 hours
Noise Level
17~30 dBA
Bearing Type
Long life sleeve bearing
Connector
4-Pin
Rated Voltage
12 VDC
Rated Current
0.15A**
Power Consumption
1.8 W
Fan Weight
80 g / 0.18 lb
EAN Code
4719512044193
UPC Code
884102023323
Package Dimensions
139 x 107 x 204 mm
(5.5 x 4.2 x 8.0 in)
Carton Dimensions
560 x 298 x 235 mm
(22.0 x 11.7 x 9.3 in)
Unit / Carton
10
Carton / Pallet
54
Hyper 103
RR-H103-22PB-R1
2 years
Features
Specifications
Warranty
Package Info
Features


Similar Part No. - RR-H103-22PB-R1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RR-H412-16PK-R1 ETC2-RR-H412-16PK-R1 Datasheet
598Kb / 2P
Quick-snap fan bracket design for easier installation.
More results

Similar Description - RR-H103-22PB-R1

ManufacturerPart #DatasheetDescription
logo
fujitsu semiconductor
MB9G711 FUJITSU-MB9G711 Datasheet
1Mb / 2P
SoC for 'CD-Less' Car Audio System
logo
Winchester Electronics ...
KTW-13 WINCHESTER-KTW-13 Datasheet
28Kb / 1P
INSTALLATION EXTRACTION TOOL
logo
Axiomtek Co., Ltd.
P1157E-871 AXIOMTEK-P1157E-871 Datasheet
440Kb / 2P
Easy installation - Less screw design for users convenience
P1127E-871 AXIOMTEK-P1127E-871_16 Datasheet
436Kb / 2P
Easy installation: Less screw design for users convenience
P1157S-871 AXIOMTEK-P1157S-871_16 Datasheet
388Kb / 2P
Easy installation: a less screw design for users convenience
P1157S-881 AXIOMTEK-P1157S-881_16 Datasheet
399Kb / 2P
Easy installation: a less screw design for users convenience
P1177E-871 AXIOMTEK-P1177E-871 Datasheet
428Kb / 2P
Easy installation: a less screw design for users convenience
P1177S-871 AXIOMTEK-P1177S-871_16 Datasheet
377Kb / 2P
Easy installation: Less screw design for users convenience
logo
TE Connectivity Ltd
408-8778 TEC-408-8778 Datasheet
72Kb / 2P
Installation Tool 1059773-1?
logo
Molex Electronics Ltd.
1731121744 MOLEX-1731121744 Datasheet
23Kb / 1P
FCT Installation and Removal Tool for D-Subs
09/06/2022
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com