Electronic Components Datasheet Search
  English  ▼

X  

PE7401 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # PE7401
Description  0 to 30 dB Dial Step Attenuator, N Female To N Female With 1 dB Step Rated To 2 Watts Up To 2.7 GHz
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE7401 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE7401 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE7401 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE7401 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
TECHNICAL DATA SHEET
0 to 30 dB Dial Step Attenuator, N Female To N Female With 1 dB Step Rated To 2 Watts Up To 2.7 GHz from Pasternack
Enterprises has same day shipment for domestic and International orders. Our RF, microwave and millimeter wave products
maintain a 99% availability and are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 0 to 30 dB Dial Step Attenuator, N Female To N Female With 1 dB Step Rated To 2 Watts Up To
2.7 GHz PE7401
URL: http://www.pasternack.com/30db-step-n-female-n-female-2-watts-attenuator-pe7401-p.aspx
PE7401
PE7401 REV 1.0
0 to 30 dB Dial Step Attenuator, N Female To N Female
With 1 dB Step Rated To 2 Watts Up To 2.7 GHz



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com