Electronic Components Datasheet Search
  English  ▼

X  

PE7402 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE7402
Description  0 to 50 dB Dial Rotary Attenuator, N Female To N Female With 1 dB Step Rated To 2 Watts Up To 2.7 GHz
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE7402 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE7402 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE7402 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE7402 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
TECHNICAL DATA SHEET
Configuration
Design
Rotary Attenuator
Connector 1
N Female
Connector 2
N Female
Electrical Specifications Values at 25°C, sea level
Description
Minimum
Typical
Maximum
Units
Frequency Range
DC
2.7
GHz
Impedance
50
Ohms
Attenuation Value
0 to 50
dB
Step Size
1
dB
Step Type
Dial
Accuracy Statement
+ / - .5 dB or 3 % whichever is greater
Input Power
2
Watts
Peak Power
1
KWatts
Insertion Loss
1.5
dB
VSWR
1.8:1
.
Mechanical Specifications
.
Connectors
Description
Connector 1
Connector 2
Type
N Female
N Female
.
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 0 to 50 dB Dial Rotary Attenuator, N Female To N Female With 1 dB Step Rated To 2 Watts
Up To 2.7 GHz PE7402
PE7402
PE7402 REV 1.0
0 to 50 dB Dial Rotary Attenuator, N Female To N Female
With 1 dB Step Rated To 2 Watts Up To 2.7 GHz


Similar Part No. - PE7402

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE7401 PASTERNACK-PE7401 Datasheet
607Kb / 3P
0 to 30 dB Dial Step Attenuator, N Female To N Female With 1 dB Step Rated To 2 Watts Up To 2.7 GHz
PE7403-10 PASTERNACK-PE7403-10 Datasheet
198Kb / 2P
10 dB Fixed Attenuator, 1.85mm Male To 1.85mm Female Passivated Stainless Steel Body
PE7403-20 PASTERNACK-PE7403-20 Datasheet
198Kb / 2P
20 dB Fixed Attenuator, 1.85mm Male To 1.85mm Female Passivated Stainless Steel Body
PE7403-3 PASTERNACK-PE7403-3 Datasheet
198Kb / 2P
3 dB Fixed Attenuator, 1.85mm Male To 1.85mm Female Passivated Stainless Steel Body
PE7403-30 PASTERNACK-PE7403-30 Datasheet
198Kb / 2P
30 dB Fixed Attenuator, 1.85mm Male To 1.85mm Female Passivated Stainless Steel Body
More results

Similar Description - PE7402

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE7034-1 PASTERNACK-PE7034-1 Datasheet
258Kb / 3P
0 to 1 dB Rotary Step Attenuator, BNC Female To BNC Female With 0.1 dB Step Rated To 1 Watt Up To 1 GHz
PE7034-4 PASTERNACK-PE7034-4 Datasheet
258Kb / 3P
0 to 70 dB Rotary Step Attenuator, BNC Female To BNC Female With 10 dB Step Rated To 1 Watt Up To 2 GHz
PE7034-6 PASTERNACK-PE7034-6 Datasheet
258Kb / 3P
0 to 1 dB Rotary Step Attenuator, BNC Female To BNC Female With 0.1 dB Step Rated To 2 Watts Up To 2 GHz
PE7034-2 PASTERNACK-PE7034-2 Datasheet
258Kb / 3P
0 to 100 dB Rotary Step Attenuator, BNC Female To BNC Female With 10 dB Step Rated To 1 Watt Up To 1 GHz
PE7034-3 PASTERNACK-PE7034-3 Datasheet
258Kb / 3P
0 to 10 dB Rotary Step Attenuator, BNC Female To BNC Female With 1 dB Step Rated To 1 Watt Up To 2 GHz
PE7034-5 PASTERNACK-PE7034-5 Datasheet
258Kb / 3P
0 to 100 dB Rotary Step Attenuator, BNC Female To BNC Female With 10 dB Step Rated To 1 Watt Up To 2 GHz
PE7371-50 PASTERNACK-PE7371-50 Datasheet
329Kb / 3P
50 dB Fixed Attenuator, N Female To N Female Rated To 25 Watts Up To 8 GHz
PE7397 PASTERNACK-PE7397 Datasheet
629Kb / 3P
0 to 30 dB Dial Step Attenuator, SMA Female To SMA Female With 1 dB Step Rated To 2 Watts Up To 2.7 GHz
PE7398 PASTERNACK-PE7398 Datasheet
684Kb / 3P
0 to 50 dB Dial Step Attenuator, SMA Female To SMA Female With 1 dB Step Rated To 2 Watts Up To 2.7 GHz
PE7401 PASTERNACK-PE7401 Datasheet
607Kb / 3P
0 to 30 dB Dial Step Attenuator, N Female To N Female With 1 dB Step Rated To 2 Watts Up To 2.7 GHz
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com