Electronic Components Datasheet Search
  English  ▼

X  

G5010 Datasheet(PDF) 1 Page - Global Mixed-mode Technology Inc

Part # G5010
Description  Dual-Low On-Resistance Load Switch with Controlled Turn-On
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GMT [Global Mixed-mode Technology Inc]
Direct Link  http://www.gmt.com.tw
Logo GMT - Global Mixed-mode Technology Inc

G5010 Datasheet(HTML) 1 Page - Global Mixed-mode Technology Inc

  G5010 Datasheet HTML 1Page - Global Mixed-mode Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Ver: 0.3
Jun 28, 2013
TEL: 886-3-5788833
http://www.gmt.com.tw
1
G5010
Global Mixed-mode Technology
Dual-Low On-Resistance Load Switch
with Controlled Turn-On
Features
Integrated Dual Channel Load Switch
Input Voltage Range: 0.8-V to 5.5V
Dual Ultra-low ON-Resistance (10m
Ω)
6A Continuous Switch Current per channel
Low Threshold Control Inputs
Adjustable Slew-rate Control
Quick Output Discharge Transistor
10 Pin AQFN Package
Applications
Notebooks / Netbooks
Tablet PCs
Consumer Electronics
Set-Top-Boxes
Industrial Systems
Telecom Systems
General Description
The G5010 is dual N-channel MOSFET power switch
designed for high-sideload-switching applications, and
the device has a typical RDS(ON) of 10m and the output
current is limited to 6A. Each switch is independently
controlled by an on/off input (EN1, EN2), which is ca-
pable of interfacing directly with low-voltage GPIO
control signals.
In the G5010, a 320
Ω on-chip load resistor is added
for quick output discharge (QOD) when the switch is
turned off. The rise time of the device is internally con-
trolled in order to avoid in-rush current and can be
adjusted using a ceramic capacitor on the CTx pins.
The G5010 is available in 10 pin AQFN package.
Ordering Information
ORDER
NUMBER
MARKING
TEMP.
RANGE
PACKAGE
(Green)
G5010AC1U
5010
-40
°C to 85°C
AQFN2X2-10
Note: AC: AQFN2X2-10
1: Bonding Code
U: Tape & Reel
Pin Configuration
Typical Application Circuit
* AQFN2X2-10 Flip-Chip package thermal guide:
1) All of leads can help power dissipation.
2) Keep all of PCB trace(near leads) width as wide as possible.
Please refer to PCB layout considerations for example.
1
2
3
6
5
4
7
8
9
10
CT2
OUT2
IN2
IN1
OUT1
CT1
G5010
AQFN2X2-10
EN1
GND
VBIAS
EN2
1
2
3
6
5
4
7
8
9
10
CT2
OUT2
IN2
IN1
OUT1
CT1
G5010
AQFN2X2-10
EN1
GND
VBIAS
EN2
control
VBIAS
OUT1
IN1
EN1
GND
CT1
Charge
pump
CT2
EN2
OUT2
IN2
driver
driver
10uF
VIN2
10uF
VIN1
1uF


Similar Part No. - G5010

ManufacturerPart #DatasheetDescription
logo
Powerbox
G501 POWERBOX-G501 Datasheet
503Kb / 1P
5WATTS SINGLE OUTPUT DC/DC INDUSTRIAL
logo
Guangdong Juxing Electr...
G501 JUXING-G501 Datasheet
2Mb / 3P
Surface Mount Standard Rectifiers
logo
CML Innovative Technolo...
G501 CMLINNOVATIVETECHNOLOGIES-G501 Datasheet
116Kb / 1P
Incandescent
Issue 1 : 27Feb14
logo
Heyco.
G5011 HEYCO-G5011 Datasheet
118Kb / 1P
Tapered Caps and Plugs–NPT
G5012 HEYCO-G5012 Datasheet
97Kb / 1P
Tapered Caps and Plugs–SAE
More results

Similar Description - G5010

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS22910A TI1-TPS22910A Datasheet
729Kb / 20P
Ultra-Small, Low on Resistance Load Switch with Controlled Turn-on
TPS22913B TI1-TPS22913B Datasheet
864Kb / 22P
Ultra-Small, Low on Resistance Load Switch with Controlled Turn-on
TPS22929D TI1-TPS22929D Datasheet
746Kb / 21P
Ultra-Small, Low on Resistance Load Switch with Controlled Turn-on
TPS22913 TI1-TPS22913 Datasheet
864Kb / 22P
Ultra-Small, Low on Resistance Load Switch with Controlled Turn-on
logo
Global Mixed-mode Techn...
G5016 GMT-G5016 Datasheet
107Kb / 1P
Dual Ultra-Low On-Resistance Load Switch with Controlled Turn-On
logo
Advanced Power Electron...
APE8910 A-POWER-APE8910_16 Datasheet
1Mb / 12P
ULTRA LOW ON RESISTANCE 6A DUAL LOAD SWITCH WITH CONTROLLED TURN ON
APE8937 A-POWER-APE8937_16 Datasheet
1Mb / 14P
ULTRA LOW ON RESISTANCE 6A LOAD SWITCH WITH CONTROLLED TURN ON
APE8998A A-POWER-APE8998A Datasheet
702Kb / 8P
ULTRA LOW ON RESISTANCE 3A LOAD SWITCH WITH CONTROLLED TURN ON
APE8998B A-POWER-APE8998B_16 Datasheet
575Kb / 8P
ULTRA LOW ON RESISTANCE 4A LOAD SWITCH WITH CONTROLLED TURN ON
APS8922A A-POWER-APS8922A Datasheet
965Kb / 12P
ULTRA LOW ON RESISTANCE 6A DUAL LOAD SWITCH WITH CONTROLLED TURN ON
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com