Electronic Components Datasheet Search
  English  ▼

X  

ATMEGA32 Datasheet(PDF) 35 Page - ATMEL Corporation

Part # ATMEGA32
Description  8-bit AVR Microcontroller with 32K Bytes In-System Programmable Flash
PDF  317 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATMEGA32 Datasheet(HTML) 35 Page - ATMEL Corporation

Back Button ATMEGA32 Datasheet HTML 31Page - ATMEL Corporation ATMEGA32 Datasheet HTML 32Page - ATMEL Corporation ATMEGA32 Datasheet HTML 33Page - ATMEL Corporation ATMEGA32 Datasheet HTML 34Page - ATMEL Corporation ATMEGA32 Datasheet HTML 35Page - ATMEL Corporation ATMEGA32 Datasheet HTML 36Page - ATMEL Corporation ATMEGA32 Datasheet HTML 37Page - ATMEL Corporation ATMEGA32 Datasheet HTML 38Page - ATMEL Corporation ATMEGA32 Datasheet HTML 39Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 317 page
background image
35
ATmega32(L)
2503F–AVR–12/03
Figure 15. Reset Logic
Notes:
1. The Power-on Reset will not work unless the supply voltage has been below VPOT
(falling).
2. V
BOT may be below nominal minimum operating voltage for some devices. For
devices where this is the case, the device is tested down to V
CC = VBOT during the
production test. This guarantees that a Brown-out Reset will occur before VCC drops
to a voltage where correct operation of the microcontroller is no longer guaranteed.
The test is performed using BODLEVEL = 1 for ATmega32L and BODLEVEL = 0 for
ATmega32. BODLEVEL = 1 is not applicable for ATmega32.
Table 15. Reset Characteristics
Symbol
Parameter
Condition
Min
Typ
Max
Units
VPOT
Power-on Reset
Threshold Voltage (rising)
1.4
2.3
V
Power-on Reset
Threshold Voltage
(falling)(1)
1.3
2.3
V
VRST
RESET Pin Threshold
Voltage
0.1 V
CC
0.9V
CC
V
tRST
Minimum pulse width on
RESET Pin
1.5
µs
VBOT
Brown-out Reset
Threshold Voltage(2)
BODLEVEL = 1
2.5
2.7
3.2
V
BODLEVEL = 0
3.7
4.0
4.2
tBOD
Minimum low voltage
period for Brown-out
Detection
BODLEVEL = 1
2
µs
BODLEVEL = 0
2
µs
V
HYST
Brown-out Detector
hysteresis
50
mV
MCU Control and Status
Register (MCUCSR)
BODEN
BODLEVEL
Delay Counters
CKSEL[3:0]
CK
TIMEOUT
DATA BUS
Clock
Generator
SPIKE
FILTER
Pull-up Resistor
JTAG Reset
Register
Watchdog
Oscillator
SUT[1:0]
Watchdog
Timer
Reset Circuit
Brown-out
Reset Circuit
Power-on
Reset Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com