Electronic Components Datasheet Search
  English  ▼

X  

HER303 Datasheet(PDF) 1 Page - Leshan Radio Company

Part # HER303
Description  3A HIGH EFFICIENCY DIODES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

HER303 Datasheet(HTML) 1 Page - Leshan Radio Company

  HER303 Datasheet HTML 1Page - Leshan Radio Company HER303 Datasheet HTML 2Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
LESHAN RADIO COMPANY, LTD.
46A–1/2
3A
3A HIGH EFFICIENCY DIODES
HER301
HER302
HER303
HER304
HER305
HER306
HER307
HER308
TYPE
Maximum
Peak Reverse
Voltage
Maximum Average
Rectified Current
@ Half-Wave
Resistive Load 60Hz
Maximum Forward
Peak Surge Current
@ 8.3ms
Superimposed
Maximum
Reverse Current
@ PRV @ T
A=25ºC
Maximum
Forward
Voltage
@ T
A=25ºC
Package
Dimensions
1.00
1.00
1.00
1.30
1.30
1.85
1.85
1.85
Maximum
Reverse
Recovery Time
3.0
50
100
200
300
400
600
800
1000
DO–201AD
PRV
V PK
HER301 – HER308
Trr
I F=0.5A, I R=1.0A, I RR=0.25A
Trr Test Conditions: I F=0.5A, I R=1.0A, I RR=0.25A
I O @ T L
AAV
ºC
I FM (Surge)
A PK
IR
µAdc
I FM
V FM
A PK
V PK
Trr
ns
200
10
3.0
50
150
70
.052(1.3)
DIA
.048(1.2)
.220(5.6)
DIA
.197(5.0)
1.0(25.4)
MIN
.375(9.5)
.335(8.5)
1.0(25.4)
MIN
DO – 201AD


Similar Part No. - HER303

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
HER303 MOSPEC-HER303 Datasheet
125Kb / 2P
HIGH EFFICIENCY RECTIFIERS(3.0A,50-400V)
logo
Won-Top Electronics
HER303 WTE-HER303 Datasheet
48Kb / 3P
3.0A HIGH EFFICIENCY RECTIFIER
logo
Zowie Technology Corpor...
HER303 ZOWIE-HER303 Datasheet
51Kb / 2P
HIGH EFFICIENCY RECTIFIER
logo
Rectron Semiconductor
HER303 RECTRON-HER303 Datasheet
288Kb / 2P
HIGH EFFICIENCY RECTIFIER(VOLTAGE RANGE 50 to 1000 Volts CURRENT 3.0 Ampere)
logo
Jinan Gude Electronic D...
HER303 JGD-HER303 Datasheet
169Kb / 2P
3.0 AMPS.HIGH EFFICIENCY RECTIFIERS
More results

Similar Description - HER303

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1371 LINER-LT1371 Datasheet
320Kb / 16P
500kHz High Efficiency 3A Switching Regulator
logo
Leshan Radio Company
HER301 LRC-HER301 Datasheet
64Kb / 2P
3A High Efficiency Diodes
logo
Unisonic Technologies
UC3658 UTC-UC3658 Datasheet
169Kb / 4P
3A, 1MHz, HIGH EFFICIENCY
logo
List of Unclassifed Man...
ZSPM4013 ETC2-ZSPM4013 Datasheet
1Mb / 22P
High Efficiency 3A Synchronous Buck Converter
ZSPM4013B ETC2-ZSPM4013B Datasheet
1Mb / 23P
High Efficiency 3A Synchronous Buck Converter
logo
Linear Technology
LT1371 LINER-LT1371_15 Datasheet
283Kb / 16P
500kHz High Efficiency 3A Switching Regulator
logo
Integrated Device Techn...
ZSPM4013B IDT-ZSPM4013B Datasheet
661Kb / 21P
High Efficiency 3A Synchronous Buck Converter
logo
Cyntec Co., Ltd.
VUN12AD03-KM CYNTEC-VUN12AD03-KM Datasheet
2Mb / 21P
3A, High Efficiency uPOL Module
VUN12AD03-KMH CYNTEC-VUN12AD03-KMH Datasheet
2Mb / 19P
3A, High Efficiency uPOL Module
logo
Renesas Technology Corp
ZSPM4013B RENESAS-ZSPM4013B Datasheet
819Kb / 22P
High Efficiency 3A Synchronous Buck Converter
January 25, 2016
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com