Electronic Components Datasheet Search
  English  ▼

X  

G3403 Datasheet(PDF) 1 Page - Global Mixed-mode Technology Inc

Part # G3403
Description  Bidirectional I2C Bus and SMBus Voltage Level Translator
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GMT [Global Mixed-mode Technology Inc]
Direct Link  http://www.gmt.com.tw
Logo GMT - Global Mixed-mode Technology Inc

G3403 Datasheet(HTML) 1 Page - Global Mixed-mode Technology Inc

  G3403 Datasheet HTML 1Page - Global Mixed-mode Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Ver: 0.1
May 29, 2013
TEL: 886-3-5788833
http://www.gmt.com.tw
1
G3403
Global Mixed-mode Technology
Bidirectional I
2C Bus and SMBus Voltage Level
Translator
Features
1-Bit Bidirectional Translator
I
2C and SMBus Compatible
Less than 1.5ns Maximum Propagation Delay to
Accommodate Standard-Mode and Fast-Model
I
2C Devices and Multiple Masters
Allows Voltage-Level Translator Between
1.2V VREF1 and 2.5V, 3.3V, 5V VREF2
1.8V VREF1 and 3.3V, 5V VREF2
3.3V VREF1 and 5V VREF2
Provides
Bidirectional
Voltage
Translation
without Direction Pin
Low 3.5
Ω ON-State Connection Between Input
and Output Ports Provides Less Signal Distortion
Open-Drain I
2C I/O Ports
5V Tolerant I
2C I/O Ports to Support Mixed
Mode Signal Operation
High Impedance for SCL1 and SCL2 as EN=Low
Lock-up-Free Operation for Isolation When
EN=Low
General Description
The G3403 is a bidirectional I
2C and SMBUS volt-
age-level translator with an enable (EN) input, and is
operational from 1.2V to 3.3V VREF1 and 2.5V to 5.5V
VREF2 . It allows bidirectional voltage translations be-
tween 1.2V and 5V, without use of directional pin. The
low ON-state resistance (rON) of the switch ensures the
connections to be with minimal propagation delay.
When EN is high, the translator switch is ON, and the
SCL1 I/O is connected to the SCL2 I/O, respectively,
allowing bidirectional data flow between ports. When
EN is low, the translator switch is off, and a
high-impedance exists between ports.
In I
2C applications, the bus capacitance limit of 400pF
restricts the number of devices and bus length. The
system designer could isolate two halves of a bus by
using the G3403; thus, more I
2C devices or longer
trace length can be accommodated.
In standard I
2C system, pull-up resistors are required
to provide the logic high levels on the translator’s bus.
The size of these pull-up resistors depends on the
system, but each side of the repeater must have a
pull-up resistor. The G3403 is designed to work with
standard-mode and fast-mode I
2C devices. Standard
mode I
2C devices only specify 3mA in a generic I2C
system where standard mode devices and multiple
masters are possible. Under certain conditions, high
termination currents can be used.
When the SCL1 or SCL2 port is low, the clamp is in
the ON state, and a low resistance connection exists
between the SCL1 and SCL2 ports. Assuming the
higher voltage is on the SCL2 port, when the SCL2
port is high, the voltage on the SCL1 port is limited to
the voltage set by VREF1. When the SCL1 is high, the
SCL2 port is pulled up to the drain pull-up supply volt-
age (VDPU) by pull-up resistors. This function allows a
seamless translation between higher and lower volt-
ages selected by the user, without any directional con-
trol.
Ordering Information
ORDER
NUMBER
MARKING
TEMP.
RANGE
PACKAGE
(Green)
G3403TL1U
343x
-40°C to +85°C
SC-70-6 (SOT-363)
Note: TL: SC-70-6 (SOT-363)
1: Bonding Code
U: Tape & reel
Pin Configuration
VREF2
SCL2
EN
VSS
VREF1
1
2
3
4
5
6
G3403
SCL1
SC-70-6 (SOT-363)
VREF2
SCL2
EN
VSS
VREF1
1
2
3
4
5
6
G3403
SCL1
SC-70-6 (SOT-363)


Similar Part No. - G3403

ManufacturerPart #DatasheetDescription
logo
GTM CORPORATION
G3403 GTM-G3403 Datasheet
367Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
logo
E-Tech Electronics LTD
G3403 ETL-G3403 Datasheet
371Kb / 4P
P - C H A N N E L E N H A N C E M E N T M O D E P O W E R M O S F E T
logo
GTM CORPORATION
G3403A GTM-G3403A Datasheet
383Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
logo
E-Tech Electronics LTD
G3403A ETL-G3403A Datasheet
387Kb / 4P
P - C H A N N E L E N H A N C E M E N T M O D E P O W E R M O S F E T
More results

Similar Description - G3403

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCA9306 TI-PCA9306 Datasheet
205Kb / 13P
DUAL BIDIRECTIONAL I2C BUS AND SMBus VOLTAGE-LEVEL TRANSLATOR
logo
NXP Semiconductors
PCA9306 PHILIPS-PCA9306 Datasheet
123Kb / 21P
Dual bidirectional I2C-bus and SMBus voltage-level translator
Rev. 02-21 February 2007
logo
Texas Instruments
PCA9306 TI-PCA9306_08 Datasheet
431Kb / 16P
DUAL BIDIRECTIONAL I2C BUS AND SMBus VOLTAGE-LEVEL TRANSLATOR
logo
NXP Semiconductors
PCA9306_1011 NXP-PCA9306_1011 Datasheet
504Kb / 26P
Dual bidirectional I2C-bus and SMBus voltage-level translator
Rev. 6-25 November 2010
logo
Texas Instruments
PCA9306DQER TI1-PCA9306DQER Datasheet
1Mb / 22P
DUAL BIDIRECTIONAL I2C BUS AND SMBus VOLTAGE-LEVEL TRANSLATOR
logo
Global Mixed-mode Techn...
G3401 GMT-G3401 Datasheet
46Kb / 1P
Dual Bidirectional I2C Bus and SMBus Voltage- Level Translator
logo
Union Semiconductor, In...
UM3212 UNIONSEMI-UM3212_15 Datasheet
285Kb / 11P
Dual Bidirectional I2C-Bus and SMBus Voltage-Level Translator
logo
ON Semiconductor
NLA9306 ONSEMI-NLA9306 Datasheet
235Kb / 12P
Dual Bidirectional I2C-bus and SMBus Voltage-Level Translator
August, 2019 ??Rev. 1
logo
NXP Semiconductors
PCA9306 NXP-PCA9306_V01 Datasheet
580Kb / 37P
Dual bidirectional I2C-bus and SMBus voltage-level translator
Rev. 9.2 - 25 October 2022
PCA9306 NXP-PCA9306_V02 Datasheet
619Kb / 38P
Dual bidirectional I2C-bus and SMBus voltage-level translator
Rev. 9.3 - 14 November 2022
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com