Electronic Components Datasheet Search
  English  ▼

X  

G950 Datasheet(PDF) 1 Page - Global Mixed-mode Technology Inc

Part # G950
Description  2.5V 1A Regulator
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GMT [Global Mixed-mode Technology Inc]
Direct Link  http://www.gmt.com.tw
Logo GMT - Global Mixed-mode Technology Inc

G950 Datasheet(HTML) 1 Page - Global Mixed-mode Technology Inc

  G950 Datasheet HTML 1Page - Global Mixed-mode Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Ver: 2.8
Oct 19, 2011
TEL: 886-3-5788833
http://www.gmt.com.tw
1
G950
Global Mixed-mode Technology
2.5V 1A Regulator
Features
Output current in excess of 1A
Output voltage accuracy ±2%
Quiescent current, typically 600µA
Internal short circuit current limit
Internal over temperature protection
Applications
PC motherboard
ADSL/Cable Modem
Set-Top-Box
LAN switch/Hub
Router
General Description
The G950 positive 2.5V voltage regulator features
the ability to source 1A of output current. The typical
quiescent current is 0.6mA.
Familiar regulator features such as over tem-
perature and over current protection circuits are
provided to prevent it from being damaged by
abnormal operating conditions.
Ordering Information
PIN OPTION
REMARK
ORDER NUMBER
(Pb free/Green )
TEMP.
RANGE
PACKAGE
1
2
3
G950T43Uf
-40°C~85°C
TO-252
GND
VOUT
VIN
G950T45Uf
-40°C~85°C
TO-252
VIN
GND
VOUT
G950T43D
-40°C~85°C
TO-252
GND
VOUT
VIN
G950T45D
-40°C~85°C
TO-252
VIN
GND
VOUT
G950T55Uf
-40°C~85°C
TO-263
VIN
GND
VOUT
OBSOLETE
G950T63Uf
-40°C~85°C
SOT-223
GND
VOUT
VIN
G950T64Uf
-40°C~85°C
SOT-223
GND
VIN
VOUT
G950T65Uf
-40°C~85°C
SOT-223
VIN
GND
VOUT
G950T66Uf
-40°C~85°C
SOT-223
VIN
VOUT
GND
G950TU5U
-40°C~85°C
TO-263T
VIN
GND
VOUT
* For other package types and pin options, please contact us at sales@gmt.com.tw
Order Number Identification
GXXX
XX
X
X (f)
Packing Type
Pin Option
Package Type
Part Number
PACKAGE TYPE
PIN OPTION
PACKING
T4 : TO-252
1
2
3
U & D : Tape & Reel
T5 : TO-263
1 : VOUT
GND
VIN
TU: TO-263T
2 : VOUT
VIN
GND
T6 : SOT-223
3 : GND
VOUT
VIN
4 : GND
VIN
VOUT
5 : VIN
GND
VOUT
6 : VIN
VOUT
GND
Package Type
Typical Application
[Note 4]: Type of COUT
G950
C1
1µF
IQ
VIN
VOUT
I
O
COUT
10µF
Top View
1
2
3
SOT-223
Top View
1
2
3
TO-252/TO-263/TO-263T
G950
C1
1µF
IQ
VIN
VOUT
I
O
COUT
10µF
Top View
1
2
3
SOT-223
Top View
1
2
3
SOT-223
Top View
1
2
3
TO-252/TO-263/TO-263T


Similar Part No. - G950

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
G950 ETC-G950 Datasheet
207Kb / 10P
2.5V 1A Regulator
G950-01455-01 ETC-G950-01455-01 Datasheet
7Mb / 28P
Dev Board
Version 1.6
G950-01456-01 ETC-G950-01456-01 Datasheet
461Kb / 6P
USB Accelerator datasheet
2019
G950-03970-01 ETC-G950-03970-01 Datasheet
7Mb / 28P
Dev Board
Version 1.6
G950-04742-01 ETC-G950-04742-01 Datasheet
7Mb / 28P
Dev Board
Version 1.6
More results

Similar Description - G950

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRU1010-25 IRF-IRU1010-25 Datasheet
50Kb / 8P
1A LOW DROPOUT POSITIVE FIXED 2.5V REGULATOR
logo
Global Mixed-mode Techn...
G952 GMT-G952 Datasheet
142Kb / 8P
1.8V 1A Regulator
logo
List of Unclassifed Man...
G950 ETC-G950 Datasheet
207Kb / 10P
2.5V 1A Regulator
logo
Allegro MicroSystems
SI-3003KWD ALLEGRO-SI-3003KWD Datasheet
439Kb / 9P
1A, Low-Dropout, Dual Output, 1.8V & 2.5V Regulator
SI-3003KWF ALLEGRO-SI-3003KWF Datasheet
260Kb / 9P
1A, Low-Dropout, Dual Outpout, 1.8V & 2.5V Regulator
logo
International Rectifier
IRU1261 IRF-IRU1261 Datasheet
57Kb / 8P
DUAL 6A AND 1A LOW DROPOUT POSITIVE FIXED 1.5V AND 2.5V REGULATOR
logo
Global Mixed-mode Techn...
G9125 GMT-G9125 Datasheet
234Kb / 9P
2.5V 1A Low Dropout Regulator with Disable
G957 GMT-G957 Datasheet
307Kb / 8P
1.5V 1A Regulator
logo
Silicon Standard Corp.
SS8047 SSC-SS8047 Datasheet
308Kb / 11P
2.5V 1A Positive Voltage Regulator
logo
Global Mixed-mode Techn...
G9125 GMT-G9125_15 Datasheet
33Kb / 1P
2.5V 1A Low Dropout Regulator with Enable
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com