Electronic Components Datasheet Search
  English  ▼

X  

PIC16F72 Datasheet(PDF) 12 Page - Microchip Technology

Part # PIC16F72
Description  28-Pin, 8-Bit CMOS FLASH MCU with A/D Converter
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F72 Datasheet(HTML) 12 Page - Microchip Technology

Back Button PIC16F72 Datasheet HTML 8Page - Microchip Technology PIC16F72 Datasheet HTML 9Page - Microchip Technology PIC16F72 Datasheet HTML 10Page - Microchip Technology PIC16F72 Datasheet HTML 11Page - Microchip Technology PIC16F72 Datasheet HTML 12Page - Microchip Technology PIC16F72 Datasheet HTML 13Page - Microchip Technology PIC16F72 Datasheet HTML 14Page - Microchip Technology PIC16F72 Datasheet HTML 15Page - Microchip Technology PIC16F72 Datasheet HTML 16Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 136 page
background image
PIC16F72
DS39597B-page 10
 2002 Microchip Technology Inc.
Bank 1
80h(1)
INDF
Addressing this location uses contents of FSR to address data memory (not a physical register) 0000 0000
19
81h
OPTION
RBPU
INTEDG
T0CS
T0SE
PSA
PS2
PS1
PS0
1111 1111
13
82h(1)
PCL
Program Counter’s (PC) Least Significant Byte
0000 0000
18
83h(1)
STATUS
IRP
RP1
RP0
TO
PD
ZDC
C
0001 1xxx
12
84h(1)
FSR
Indirect Data Memory Address Pointer
xxxx xxxx
19
85h
TRISA
PORTA Data Direction Register
--11 1111
21
86h
TRISB
PORTB Data Direction Register
1111 1111
23
87h
TRISC
PORTC Data Direction Register
1111 1111
25
88h
Unimplemented
89h
Unimplemented
8Ah(1,2)
PCLATH
Write Buffer for the upper 5 bits of the PC
---0 0000
18
8Bh(1)
INTCON
GIE
PEIE
TMR0IE
INTE
RBIE
TMR0IF
INTF
RBIF
0000 000x
14
8Ch
PIE1
ADIE
SSPIE
CCP1IE
TMR2IE
TMR1IE
-0-- 0000
15
8Dh
Unimplemented
8Eh
PCON
POR
BOR
---- --qq
17
8Fh
Unimplemented
90h
Unimplemented
91h
Unimplemented
92h
PR2
Timer2 Period Register
1111 1111
41
93h
SSPADD
Synchronous Serial Port (I2C mode) Address Register
0000 0000
43,48
94h
SSPSTAT
SMP
CKE
D/A
PS
R/W
UA
BF
0000 0000
44
95h
Unimplemented
96h
Unimplemented
97h
Unimplemented
98h
Unimplemented
99h
Unimplemented
9Ah
Unimplemented
9Bh
Unimplemented
9Ch
Unimplemented
9Dh
Unimplemented
9Eh
Unimplemented
9Fh
ADCON1
PCFG2
PCFG1
PCFG0
---- -000
54
TABLE 2-1:
SPECIAL FUNCTION REGISTER SUMMARY (CONTINUED)
Address
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Value on
POR, BOR
Details on
page:
Legend:
x
= unknown, u = unchanged, q = value depends on condition, - = unimplemented, read as ‘0’, r = reserved.
Shaded locations are unimplemented, read as ‘0’.
Note
1:
These registers can be addressed from any bank.
2:
The upper byte of the program counter is not directly accessible. PCLATH is a holding register for the PC<12:8> whose
contents are transferred to the upper byte of the program counter.
3:
This bit always reads as a ‘1’.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com