Electronic Components Datasheet Search
  English  ▼

X  

PE7410-10 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # PE7410-10
Description  10 dB Fixed Attenuator, N Male To N Female Directional Black Aluminum Heatsink Body Rated To 300 Watts Up To 3 GHz
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE7410-10 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE7410-10 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE7410-10 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE7410-10 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
TECHNICAL DATA SHEET
Size
Length
5.6 in [142.24 mm]
Width
6.2 in [157.48 mm]
Height
6.3 in [160.02 mm]
.
Weight
4 lbs [1.81 Kg]
Connectors
Description
Connector 1
Connector 2
Type
N Male
N Female
Contact Material and Plating
Beryllium Copper, Gold
Beryllium Copper, Gold
Outer Conductor Material and Plating
Passivated Stainless Steel
Coupling Nut Material and Plating
Passivated Stainless Steel
Body Material and Plating
Passivated Stainless Steel
Passivated Stainless Steel
.
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Plotted and Other Data
Notes:
• Values at 25 °C, sea level
• Calculated Heatsink Thermal Rise: .7C / Watt
PE7410-10
PE7410-10 REV 1.0
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 10 dB Fixed Attenuator, N Male To N Female Directional Black Aluminum Heatsink Body
Rated To 300 Watts Up To 3 GHz PE7410-10
10 dB Fixed Attenuator, N Male To N Female Directional Black
Aluminum Heatsink Body Rated To 300 Watts Up To 3 GHz



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com