Electronic Components Datasheet Search
  English  ▼

X  

ISO7831F Datasheet(PDF) 3 Page - Texas Instruments

Part # ISO7831F
Description  ISO7831 High-Performance, 8000 VPK Reinforced Triple Digital Isolators
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ISO7831F Datasheet(HTML) 3 Page - Texas Instruments

  ISO7831F Datasheet HTML 1Page - Texas Instruments ISO7831F Datasheet HTML 2Page - Texas Instruments ISO7831F Datasheet HTML 3Page - Texas Instruments ISO7831F Datasheet HTML 4Page - Texas Instruments ISO7831F Datasheet HTML 5Page - Texas Instruments ISO7831F Datasheet HTML 6Page - Texas Instruments ISO7831F Datasheet HTML 7Page - Texas Instruments ISO7831F Datasheet HTML 8Page - Texas Instruments ISO7831F Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 32 page
background image
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
VCC2
NC
NC
INB
INC
INA
OUTB
OUTA
OUTC
VCC1
GND1
EN2
GND2
GND2
GND1
EN1
ISO7831, ISO7831F
www.ti.com
SLLSEP8A – JULY 2015 – REVISED SEPTEMBER 2015
5 Pin Configuration and Functions
DW Package
16-Pin SOIC
Top View
Pin Functions
PIN
I/O
DESCRIPTION
NAME
NO.
Output enable 1. Output pins on side 1 are enabled when EN1 is high or open and in high-
EN1
7
I
impedance state when EN1 is low.
Output enable 2. Output pins on side 2 are enabled when EN2 is high or open and in high-
EN2
10
I
impedance state when EN2 is low.
GND1
2, 8
—
Ground connection for VCC1
GND2
9, 15
—
Ground connection for VCC2
INA
3
I
Input, channel A
INB
4
I
Input, channel B
INC
12
I
Input, channel C
OUTA
14
O
Output, channel A
OUTB
13
O
Output, channel B
OUTC
5
O
Output, channel C
NC
6,11
—
Not connected
VCC1
1
—
Power supply, VCC1
VCC2
16
—
Power supply, VCC2
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: ISO7831 ISO7831F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com