Electronic Components Datasheet Search
  English  ▼

X  

G921 Datasheet(PDF) 1 Page - Global Mixed-mode Technology Inc

Part # G921
Description  Low Quiescent Current Voltage Regulator
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GMT [Global Mixed-mode Technology Inc]
Direct Link  http://www.gmt.com.tw
Logo GMT - Global Mixed-mode Technology Inc

G921 Datasheet(HTML) 1 Page - Global Mixed-mode Technology Inc

  G921 Datasheet HTML 1Page - Global Mixed-mode Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Ver: 1.2
Aug 31, 2010
TEL: 886-3-5788833
http://www.gmt.com.tw
1
G921
Global Mixed-mode Technology Inc.
Low Quiescent Current Voltage Regulator
Features
Low current consumption (typically 4.5µA)
Output voltage accuracy ±2.5%
Drop-output voltage (typically)
2.5V @ 50mA loading
1.6V @10mA loading
Wide operating range (max 25V)
Internal over temperature protection
Excellent line regulation
Regulation <5mV @1mA loading VCC 7~25V
Good load regulation
Regulation: (typically)
40mV @VCC 7V loading 1µA to 30mA
SOT-223 package available
General Description
The G921 is a three terminal positive voltage regulator
made using the CMOS process. The G921 can work in
a wide operation range from 7V to 25V. The quiescent
current is small even at high input voltage. The typical
current consumption is about 4.5µA. It is very suitable
for the battery-powered portable equipment, especially
the keep-alive system. The G921 can provide the higher
performance and a longer battery service life.
Ordering Information
ORDER
NUMBER
MARKING
TEMP.
RANGE
PACKAGE
(Green)
G921AT65U
G921AT65
-40°C to 85°C
SOT-223
G921BT65U
G921BT65
-40°C to 85°C
SOT-223
G921CT65U
G921CT65
-40°C to 85°C
SOT-223
Order Number Identification
G921
X
XX
X X
Packing Type
Pin Option
Package Type
Voltage Option
Part Number
PACKAGE TYPE
VOLTAGE OPTION
PIN OPTION
PACKING
T6 : SOT-223
A : 3.3V
1
2
3
U : Tape & Reel
B : 3.5V
1 : VOUT
GND
VIN
C : 5.0V
2 : VOUT
VIN
GND
3 : GND
VOUT
VIN
4 : GND
VIN
VOUT
5 : VIN
GND
VOUT
6 : VIN
VOUT
GND
Package Type
Typical Application Circuit
VIN
VOUT
GND
G921
10µF
1µF
Top View
1
2
3
Top View
Top View
1
2
3
SOT-223
VIN
VOUT
GND
G921
10µF
1µF
Top View
Top View
1
2
3
Top View
Top View
1
2
3
SOT-223


Similar Part No. - G921

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
G9211 HAMAMATSU-G9211 Datasheet
133Kb / 4P
InGaAs linear image sensor
G9211 HAMAMATSU-G9211 Datasheet
459Kb / 6P
Near infrared image sensors (0.9 to 1.67 關m / 2.55 關m)
G9211-256S HAMAMATSU-G9211-256S Datasheet
133Kb / 4P
InGaAs linear image sensor
G9211-256S HAMAMATSU-G9211-256S Datasheet
132Kb / 4P
InGaAs linear image sensor
G9211-256S HAMAMATSU-G9211-256S Datasheet
459Kb / 6P
Near infrared image sensors (0.9 to 1.67 關m / 2.55 關m)
More results

Similar Description - G921

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM9036 NSC-LM9036 Datasheet
167Kb / 7P
Ultra-Low Quiescent Current Voltage Regulator
logo
STMicroelectronics
ST1L04 STMICROELECTRONICS-ST1L04 Datasheet
558Kb / 11P
LOW QUIESCENT CURRENT VOLTAGE REGULATOR
10-Feb-2005
logo
Taiwan Semiconductor Co...
TS3480 TSC-TS3480 Datasheet
269Kb / 5P
Low Quiescent Current LDO Voltage Regulator
logo
National Semiconductor ...
LM9036 NSC-LM9036_08 Datasheet
224Kb / 10P
Ultra-Low Quiescent Current Voltage Regulator
logo
Taiwan Semiconductor Co...
TS3480 TSC-TS3480_08 Datasheet
91Kb / 5P
Low Quiescent Current LDO Voltage Regulator
logo
Texas Instruments
LM9036Q TI1-LM9036Q Datasheet
261Kb / 10P
Ultra-Low Quiescent Current Voltage Regulator
logo
Taiwan Semiconductor Co...
TS3480CX50 TSC-TS3480CX50 Datasheet
91Kb / 5P
Low Quiescent Current LDO Voltage Regulator
logo
Texas Instruments
LM9036 TI-LM9036_15 Datasheet
964Kb / 15P
Ultra-Low Quiescent Current Voltage Regulator
LM9036Q TI-LM9036Q_15 Datasheet
835Kb / 14P
Ultra-Low Quiescent Current Voltage Regulator
logo
Global Mixed-mode Techn...
G920 GMT-G920 Datasheet
65Kb / 1P
Low Quiescent Current Voltage Regulator
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com