Electronic Components Datasheet Search
  English  ▼

X  

LM45 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # LM45
Description  SOT-23 Precision Centigrade Temperature Sensors8
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM45 Datasheet(HTML) 6 Page - Texas Instruments

Back Button LM45 Datasheet HTML 2Page - Texas Instruments LM45 Datasheet HTML 3Page - Texas Instruments LM45 Datasheet HTML 4Page - Texas Instruments LM45 Datasheet HTML 5Page - Texas Instruments LM45 Datasheet HTML 6Page - Texas Instruments LM45 Datasheet HTML 7Page - Texas Instruments LM45 Datasheet HTML 8Page - Texas Instruments LM45 Datasheet HTML 9Page - Texas Instruments LM45 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
LM45
SNIS117C – AUGUST 1999 – REVISED FEBRUARY 2013
www.ti.com
PRINTED CIRCUIT BOARD
Printed Circuit Board Used for Heat Sink to Generate All Curves.
Figure 15. ½
″ Square Printed Circuit Board with 2 oz. Foil or Similar
APPLICATIONS
The LM45 can be applied easily in the same way as other integrated-circuit temperature sensors. It can be glued
or cemented to a surface and its temperature will be within about 0.2°C of the surface temperature.
This presumes that the ambient air temperature is almost the same as the surface temperature; if the air
temperature were much higher or lower than the surface temperature, the actual temperature of the LM45 die
would be at an intermediate temperature between the surface temperature and the air temperature.
To ensure good thermal conductivity the backside of the LM45 die is directly attached to the GND pin. The lands
and traces to the LM45 will, of course, be part of the printed circuit board, which is the object whose temperature
is being measured. These printed circuit board lands and traces will not cause the LM45s temperature to deviate
from the desired temperature.
Alternatively, the LM45 can be mounted inside a sealed-end metal tube, and can then be dipped into a bath or
screwed into a threaded hole in a tank. As with any IC, the LM45 and accompanying wiring and circuits must be
kept insulated and dry, to avoid leakage and corrosion. This is especially true if the circuit may operate at cold
temperatures where condensation can occur. Printed-circuit coatings and varnishes such as Humiseal and epoxy
paints or dips are often used to insure that moisture cannot corrode the LM45 or its connections.
Temperature Rise of LM45 Due to Self-Heating (Thermal Resistance)
SOT-23
SOT-23
no heat sink*
small heat fin**
Still air
450°C/W
260°C/W
Moving air
180°C/W
Typical Applications
CAPACITIVE LOADS
Like most micropower circuits, the LM45 has a limited ability to drive heavy capacitive loads. The LM45 by itself
is able to drive 500 pF without special precautions. If heavier loads are anticipated, it is easy to isolate or
decouple the load with a resistor; see Figure 16. Or you can improve the tolerance of capacitance with a series
R-C damper from output to ground; see Figure 17.
Any linear circuit connected to wires in a hostile environment can have its performance affected adversely by
intense electromagnetic sources such as relays, radio transmitters, motors with arcing brushes, SCR transients,
etc, as its wiring can act as a receiving antenna and its internal junctions can act as rectifiers. For best results in
such cases, a bypass capacitor from VIN to ground and a series R-C damper such as 75Ω in series with 0.2 or 1
μF from output to ground, as shown in Figure 17, are often useful.
6
Submit Documentation Feedback
Copyright © 1999–2013, Texas Instruments Incorporated
Product Folder Links: LM45



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com