Electronic Components Datasheet Search
  English  ▼

X  

G913 Datasheet(PDF) 1 Page - Global Mixed-mode Technology Inc

Part # G913
Description  300mA Low-Dropout Linear Regulators
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GMT [Global Mixed-mode Technology Inc]
Direct Link  http://www.gmt.com.tw
Logo GMT - Global Mixed-mode Technology Inc

G913 Datasheet(HTML) 1 Page - Global Mixed-mode Technology Inc

  G913 Datasheet HTML 1Page - Global Mixed-mode Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Ver: 2.0
Apr 20, 2011
TEL: 886-3-5788833
http://www.gmt.com.tw
1
G913
Global Mixed-mode Technology Inc.
300mA Low-Dropout Linear Regulators
Features
Low, 90µA No-Load Supply Current
Guaranteed 300mA Output Current
Dropout Voltage is 200mV @ 150mA Load
Over-Temperature Protection and Short-Circuit
Protection
Two Modes of Operation ----
Fixed Mode: 1.5V~4.7V (interval =100mV)
2.84V (G913A), 3.15V (G913B),
4.75V (G913E),
Adjustable Mode: from 1.25V to 5.5V
Max. Supply Current in Shutdown Mode < 1µA
Low Output Noise at 220µVRMS
Stable with low cost ceramic capacitors
Applications
Notebook Computers
Cellular Phones
PDAs
Digital still Camera and Video Recorders
Hand-Held Devices
Bar Code Scanners
General Description
The G913 is a low supply current, low dropout linear
regulator that comes in a space saving SOT-23-5
package. The supply current at no-load is 90µA. In the
shutdown mode, the maximum supply current is less
than 1µA. Operating voltage range of the G913 is from
2.5V to 5.5V. The over-current protection limit is set at
550mA typical. An over-temperature protection circuit
is built-in in the G913 to prevent thermal overload.
These power saving features make the G913 ideal for
use in the battery-powered applications such as note-
book computers, cellular phones, and PDA’s.
The G913 has two modes of operation. When the SET
pin is connected to ground, its output is a pre-set value:
1.5V~4.7V (interval =100mV), 2.84V, 3.15V, and
4.75V. There is no external component needed to de-
cide the output voltage. When an output other than the
preset value is needed, two external resistors should
be used as a voltage divider. The output voltage is
then decided by the resistor ratio. The G913 comes in
a space saving SOT-23-5 package.
Ordering Information
ORDER NUMBER
(Pb free/Green)
MARKING
VOLTAGE
TEMP.
RANGE
PACKAGE
G913Af
3Axx
2.84
-40°C~ +85°C
SOT-23-5
G913Bf
3Bxx
3.15
-40°C~ +85°C
SOT-23-5
G913Cf
3Cxx
3.30
-40°C~ +85°C
SOT-23-5
G913Df
3Dxx
3.00
-40°C~ +85°C
SOT-23-5
G913Ef
3Exx
4.75
-40°C~ +85°C
SOT-23-5
Pin Configuration
Typical Application Circuit
G963
SET
OUT
SOT-23-5
5
4
1
SHDN
2
3
GND
IN
IN
OUT
SHDN
SET
GND
G913
+
- BATTERY CIN
1µF
R1
R2
C
OUT
4.7µF
OUTPUT
VOLTAGE
Adjustable mode
IN
OUT
GND
SET
SHDN
G913
C
IN
1µF
+
_
BATTERY
OUTPUT
VOLTAGE
COUT
4.7µF
Fixed mode
G913
G963
SET
OUT
SOT-23-5
5
4
1
SHDN
2
3
GND
IN
IN
OUT
SHDN
SET
GND
G913
+
- BATTERY CIN
1µF
R1
R2
C
OUT
4.7µF
OUTPUT
VOLTAGE
Adjustable mode
IN
OUT
GND
SET
SHDN
G913
C
IN
1µF
+
_
BATTERY
OUTPUT
VOLTAGE
COUT
4.7µF
Fixed mode
G913


Similar Part No. - G913

ManufacturerPart #DatasheetDescription
logo
Interpoint Corporation ...
G913 INTERPOINT-G913 Datasheet
214Kb / 10P
150mA Low-Dropout Linear Regulators
logo
Hamamatsu Corporation
G9130-21 HAMAMATSU-G9130-21 Datasheet
129Kb / 2P
InGaAs PIN photodiode with preamp
G9130-22 HAMAMATSU-G9130-22 Datasheet
129Kb / 2P
InGaAs PIN photodiode with preamp
G9130-23 HAMAMATSU-G9130-23 Datasheet
129Kb / 2P
InGaAs PIN photodiode with preamp
G9130-24 HAMAMATSU-G9130-24 Datasheet
129Kb / 2P
InGaAs PIN photodiode with preamp
More results

Similar Description - G913

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
G9131 GMT-G9131 Datasheet
264Kb / 10P
300mA Low-Dropout Linear Regulators
G9131 GMT-G9131_15 Datasheet
50Kb / 1P
300mA Low-Dropout Linear Regulators
G9093 GMT-G9093 Datasheet
33Kb / 1P
Dual, 300mA Low-Dropout Linear Regulators
G9091 GMT-G9091 Datasheet
48Kb / 2P
300mA Low-Dropout Linear Regulators
G9090 GMT-G9090 Datasheet
47Kb / 2P
300mA Low-Dropout Linear Regulators
G9052 GMT-G9052 Datasheet
37Kb / 1P
Dual, 300mA Low-Dropout Linear Regulators
G9002 GMT-G9002 Datasheet
58Kb / 2P
300mA Low-Dropout Linear Regulators
G9191 GMT-G9191 Datasheet
32Kb / 1P
300mA Low-Dropout Linear Regulators
G9291 GMT-G9291 Datasheet
32Kb / 1P
300mA Low-Dropout Linear Regulators
G9292 GMT-G9292 Datasheet
53Kb / 2P
Dual, 300mA Low-Dropout Linear Regulators
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com