Electronic Components Datasheet Search
  English  ▼

X  

TLP421 Datasheet(PDF) 6 Page - Toshiba Semiconductor

Part # TLP421
Description  Photocoupler GaAs Ired & Photo - Transistor
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP421 Datasheet(HTML) 6 Page - Toshiba Semiconductor

  TLP421 Datasheet HTML 1Page - Toshiba Semiconductor TLP421 Datasheet HTML 2Page - Toshiba Semiconductor TLP421 Datasheet HTML 3Page - Toshiba Semiconductor TLP421 Datasheet HTML 4Page - Toshiba Semiconductor TLP421 Datasheet HTML 5Page - Toshiba Semiconductor TLP421 Datasheet HTML 6Page - Toshiba Semiconductor TLP421 Datasheet HTML 7Page - Toshiba Semiconductor TLP421 Datasheet HTML 8Page - Toshiba Semiconductor TLP421 Datasheet HTML 9Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
TLP421
2002-09-25
6
120
IF – Ta
Ambient temperature Ta (℃)
100
100
80
80
60
20
40
0
-20
0
60
40
20
120
PC – Ta
Ambient temperature Ta (℃)
200
100
160
80
60
20
40
0
-20
0
120
80
40
IFP – DR
Duty cycle ratio DR
3000
0.01
0.001
10
1000
100
0.1
1
IF – VF
Forward voltage VF (V)
100
0.4
1
10
0.1
0.6
0.8
1.0
1.2
1.4
1.6
0.1
-2.2
-2.6
-3.0
-0.6
-1.8
-1.4
-1.0
1
10
∆
VF / ∆Ta – IF
Forward current IF (mA)
100
IFP – VFP
Pulse forward voltage VFP (V)
1000
0
10
100
1
0.4
0.8
1.2
1.6
2.0
2.4
Pulse width ≤ 10µs
Repetitive
frequency=100Hz
Ta = 25℃



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com