Electronic Components Datasheet Search
  English  ▼

X  

LM70 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # LM70
Description  LM70 SPI/MICROWIRE 10-Bit plus Sign Digital Temperature Sensor
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM70 Datasheet(HTML) 10 Page - Texas Instruments

Back Button LM70 Datasheet HTML 6Page - Texas Instruments LM70 Datasheet HTML 7Page - Texas Instruments LM70 Datasheet HTML 8Page - Texas Instruments LM70 Datasheet HTML 9Page - Texas Instruments LM70 Datasheet HTML 10Page - Texas Instruments LM70 Datasheet HTML 11Page - Texas Instruments LM70 Datasheet HTML 12Page - Texas Instruments LM70 Datasheet HTML 13Page - Texas Instruments LM70 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
LM70
SNIS112G – JUNE 2000 – REVISED MARCH 2013
www.ti.com
Note that 210 ms will have to pass for a conversion to complete before the LM70 actually transmits temperature
data.
TEMPERATURE DATA FORMAT
Temperature data is represented by a 11-bit, two's complement word with an LSB (Least Significant Bit) equal to
0.25°C:
Digital Output
Temperature
Binary
Hex
+150°C
0100 1011 0001 1111
4B 1Fh
+125°C
0011 1110 1001 1111
3E 9Fh
+25°C
0000 1100 1001 1111
0B 9Fh
+0.25°C
0000 0000 0011 1111
00 3Fh
0°C
0000 0000 0001 1111
00 1Fh
−0.25°C
1111 1111 1111 1111
FF FFh
−25°C
1111 0011 1001 1111
F3 9Fh
−55°C
1110 0100 1001 1111
E4 9Fh
Note: The last two bits are TRI-STATE and depicted as one in the table.
The first data byte is the most significant byte with most significant bit first, permitting only as much data as
necessary to be read to determine temperature condition. For instance, if the first four bits of the temperature
data indicate an overtemperature condition, the host processor could immediately take action to remedy the
excessive temperatures.
SHUTDOWN MODE/MANUFACTURER'S ID
Shutdown mode is enabled by writing XX FF to the LM70 as shown in Figure 14c. and discussed in Section 1.2.
The serial bus is still active when the LM70 is in shutdown. Current draw drops to less than 10 µA between serial
communications. When in shutdown mode the LM70 always will output 1000 0001 0000 00XX. This is the
manufacturer's ID/Device ID information. The first 5-bits of the field (1000 0XXX) are reserved for manufacturer's
ID.
INTERNAL REGISTER STRUCTURE
The LM70 has three registers, the temperature register, the configuration register and the manufacturer's/device
identification register. The temperature and manufacturer's/device identification registers are read only. The
configuration register is write only.
CONFIGURATION REGISTER
(Selects shutdown or continuous conversion modes):
Table 1. (Write Only):
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
X
X
X
X
X
X
X
X
Shutdown
D0-D15 set to XX FF hex enables shutdown mode.
D0-D15 set to XX 00 hex enables continuous conversion mode.
Note: setting D0-D15 to any other values may place the LM70 into a manufacturer's test mode, upon which the
LM70 will stop responding as described. These test modes are to be used for production testing only. See
Section 1.2 Serial Bus Interface for a complete discussion.
10
Submit Documentation Feedback
Copyright © 2000–2013, Texas Instruments Incorporated
Product Folder Links: LM70



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com